Electronic Components Datasheet Search
  English  ▼

X  

AM79C971 Datasheet(PDF) 173 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 173 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 169Page - Advanced Micro Devices AM79C971 Datasheet HTML 170Page - Advanced Micro Devices AM79C971 Datasheet HTML 171Page - Advanced Micro Devices AM79C971 Datasheet HTML 172Page - Advanced Micro Devices AM79C971 Datasheet HTML 173Page - Advanced Micro Devices AM79C971 Datasheet HTML 174Page - Advanced Micro Devices AM79C971 Datasheet HTML 175Page - Advanced Micro Devices AM79C971 Datasheet HTML 176Page - Advanced Micro Devices AM79C971 Datasheet HTML 177Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 265 page
background image
Am79C971
173
P R E L I M INARY
7-0
SRAM_SIZE SRAM Size. Specifies the upper
8 bits of the 16-bit total size of the
SRAM
buffer.
Each
bit
in
SRAM_SIZE accounts for a 512-
byte page. The starting address
for the lower 8 bits is assumed to
be 00h and the ending address
for the lower is assumed to be
FFh. Therefore, the maximum ad-
dress range is the starting ad-
dress of 0000h to ending address
of
((SRAM_SIZE
+1)
*
256
words)
or
FFFFh.
An
SRAM_SIZE value of all zeros
specifies that no SRAM is present
and the internal FIFOs will be
joined into a contiguous FIFO
similar to the PCnet-PCI II con-
troller.
Note:
The
minimum
allowed
number of pages is eight for nor-
mal
network
operation.
The
Am79C971 controller will not op-
erate correctly with less than the
eight pages of memory. When
the minimum number of pages is
used, these pages must be allo-
cated four each for transmit and
receive. Also note that a “No
SRAM configuration” is only valid
for 10Mb mode. In 100Mb mode,
SRAM is mandatory and must al-
ways be used.
CAUTION:
Programming
SRAM_BND and SRAM_SIZE
to the same value will cause
data corruption except in the
case where SRAM_SIZE is 0.
Read accessible always; write
accessible only when the STOP
bit is set. SRAM_SIZE is set to
000000b during H_RESET and is
unaffected
by
S_RESET
or
STOP.
BCR26: SRAM Boundary Register
Bit
Name
Description
Note: Bits 7-0 in this register are programmable
through the EEPROM.
31-8
RES
Reserved locations. Written as
zeros and read as undefined.
7-0
SRAM_BND
SRAM Boundary. Specifies the
upper 8 bits of the 16-bit address
boundary where the receive buffer
begins in the SRAM. The transmit
buffer in the SRAM begins at ad-
dress 0 and ends at the address
located just before the address
specified by SRAM_BND. There-
fore, the receive buffer always be-
gins on a 512 byte boundary. The
lower bits are assumed to be ze-
ros. SRAM_BND has no effect in
the Low Latency Receive mode.
Note:
The
minimum
allowed
number of pages is four. The
Am79C971 controller will not op-
erate correctly with less than four
pages of memory per queue. See
Table 37 for SRAM_BND pro-
gramming details.
Table 37.
SRAM_BND Programming
CAUTION:
Programming
SRAM_BND and SRAM_SIZE
to the same value will cause
data corruption except in the
case where SRAM SIZE is 0.
Read accessible always; write
accessible only when the STOP
bit is set. SRAM_BND is set to
00000000b
during
H_RESET
and is unaffected by S_RESET or
STOP.
BCR27: SRAM Interface Control Register
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15
PTR TST
Reserved. Reserved for manu-
facturing tests. Written as zero
and read as undefined.
SRAM Addresses
SRAM_BND
[7:0]
Lower Address
[7:0]
Minimum
SRAM_BND
address
04h
00-FFh
Maximum
SRAM_BND
address
FCh
00-FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com