Electronic Components Datasheet Search
  English  ▼

X  

SR218A104FAA Datasheet(PDF) 12 Page - AVX Corporation

Part # SR218A104FAA
Description  Multilayer CeramicLeaded Capacitors
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR218A104FAA Datasheet(HTML) 12 Page - AVX Corporation

Back Button SR218A104FAA Datasheet HTML 8Page - AVX Corporation SR218A104FAA Datasheet HTML 9Page - AVX Corporation SR218A104FAA Datasheet HTML 10Page - AVX Corporation SR218A104FAA Datasheet HTML 11Page - AVX Corporation SR218A104FAA Datasheet HTML 12Page - AVX Corporation SR218A104FAA Datasheet HTML 13Page - AVX Corporation SR218A104FAA Datasheet HTML 14Page - AVX Corporation SR218A104FAA Datasheet HTML 15Page - AVX Corporation SR218A104FAA Datasheet HTML 16Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
10
TYPICAL CHARACTERISTICS
Temperature Coefficient
C0G (NP0) Dielectric “A”
GENERAL SPECIFICATIONS
Capacitance Range
See Individual Parts Specifications
Capacitance Test at 25°C
Measured at 1 VRMS max. at 1 KHz (1 MHz for 1,000 pF or less)
Capacitance Tolerances
C = ±.25 pF, D = ±.50 pF, E = ±0.5%, F = ±1.0%, G = ±2%,
H = ±3%, J = ±5%, K = ±10%, M = ±20%
For values less than 10 pF tightest tolerance available is ±.25 pF
Operating Temperature Range
-55°C to +125°C
Temperature Characteristic
0 ± 30 ppm/°C
Voltage Ratings
200,100 & 50 Vdc
Dissipation Factor
.15% max. (+25°C and +125°C) for values greater than 30 pF
or Q = 20 x C + 400 for values of 30 pF and below.
1.0 VRMS, 1 MHz for values
1,000 pF, and
1 KHz for values > 1,000 pF
Insulation Resistance 25°C (MIL-STD-202-Method 302)
100 K megohms or 1000 megohms - µF minimum,
whichever is less
Dielectric Strength
250% of rated Vdc
Life Test (1,000 hours)
200% rated voltage at +125°C
Moisture Resistance (MIL-STD-202-Method 106)
Thermal Shock (MIL-STD-202-Method 107, condition A,
at rated elevated temperature)
-55°C to +125°C
Immersion Cycling (MIL-STD-202-Method 104, condition B)
For current reliability information, consult factory.
Typical Capacitance Change
Envelope: 0
±30 ppm/°C
+0.5
0
-0.5
-55 -35 -15
+5
+25 +45 +65 +85 +105 +125
Temperature
°C
+0.1
+0.2
0
-0.1
-0.2
1
10
100
1,000
10,000
Hours
+0.1
+0.2
0
-0.1
-0.2
25
50
75
100
125
150
175
200
D. C. Volts Applied
0
100
1,000
10,000
+25
+20
+40
+60
+80 +100
+150
Temperature
°C
Aging Rate
Voltage Coefficient
Insulation Resistance vs. Temp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com