Electronic Components Datasheet Search
  English  ▼

X  

AM79C971VCW Datasheet(PDF) 189 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 189 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 185Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 186Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 187Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 188Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 189Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 190Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 191Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 192Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 193Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 265 page
background image
Am79C971
189
mit frame, where Excessive De-
ferral is defined in the ISO 8802-3
(IEEE/ANSI 802.3) standard. Ex-
cessive Deferral will also set the
interrupt bit EXDINT (CSR5, bit
7).
28
LCOL
Late Collision indicates that a col-
lision has occurred after the first
channel slot time has elapsed.
The Am79C971 controller does
not retry on late collisions. LCOL
is set by the Am79C971 controller
and cleared by the host.
27
LCAR
Loss of Carrier is set when the
carrier
is
lost
during
an
Am79C971
controller
initiated
transmission when in AUI mode
and the device is operating in
half-duplex
mode.
The
Am79C971 controller does not
retry upon loss of carrier. It will
continue to transmit the whole
frame until done. LCAR will not
be set when the device is operat-
ing in full-duplex mode and the
AUI port is active. LCAR is not
valid in Internal Loopback Mode.
LCAR is set by the Am79C971
controller and cleared by the
host.
LCAR does not reflect a link sta-
tus problem on the external PHY.
In 10BASE-T mode, LCAR will be
set when the T-MAU was in Link
Fail state during the transmis-
sion.
26
RTRY
Retry error indicates that the
transmitter has failed after 16 at-
tempts to successfully transmit a
message, due to repeated colli-
sions on the medium. If DRTY is
set to 1 in the MODE register,
RTRY will set after one failed
transmission attempt. RTRY is
set by the Am79C971 controller
and cleared by the host.
25-16
RES
Reserved locations.
15-4
RES
Reserved locations.
3-0
TRC
Transmit Retry Count. Indicates
the number of transmit retries of
the associated packet. The maxi-
mum count is 15. However, if a
RETRY error occurs, the count
will roll over to 0.
In this case only, the Transmit
Retry Count value of 0 should be
interpreted as meaning 16. TRC
is written by the Am79C971 con-
troller into the last transmit de-
scriptor of a frame, or when an
error terminates a frame. Valid
only when OWN is cleared to 0.
TMD3
Bit
Name
Description
31-0
US
User Space. Reserved for user
defined space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com