Electronic Components Datasheet Search
  English  ▼

X  

AM79C971VCW Datasheet(PDF) 181 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 181 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 177Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 178Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 179Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 180Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 181Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 182Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 183Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 184Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 185Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 265 page
background image
Am79C971
181
P R E L I M INARY
.
RLEN and TLEN
When SSIZE32 (BCR20, bit 8) is set to 0, the software
structures are defined to be 16 bits wide, and the RLEN
and TLEN fields in the initialization block are each three
bits wide. The values in these fields determine the
number of transmit and receive Descriptor Ring Entries
(DRE) which are used in the descriptor rings. Their
meaning is shown in Table 44. If a value other than
those listed in Table 44 is desired, CSR76 and CSR78
can be written after initialization is complete.
When SSIZE32 (BCR20, bit 8) is set to 1, the software
structures are defined to be 32 bits wide, and the RLEN
and TLEN fields in the initialization block are each 4
bits wide. The values in these fields determine the
number of transmit and receive Descriptor Ring Entries
(DRE) which are used in the descriptor rings. Their
meaning is shown in Table 45.
If a value other than those listed in Table 45 is desired,
CSR76 and CSR78 can be written after initialization is
complete.
RDRA and TDRA
RDRA and TDRA indicate where the transmit and re-
ceive descriptor rings begin. Each DRE must be lo-
cated at a 16-byte address boundary when SSIZE32 is
set to 1 (BCR20, bit 8). Each DRE must be located at
an 8-byte address boundary when SSIZE32 is set to 0
(BCR20, bit 8).
Table 42.
Initialization Block (SSIZE32 = 0)
Address
Bits 15-13
Bit 12
Bits 11-8
Bits 7-4
Bits 3-0
IADR+00h
MODE 15-00
IADR+02h
PADR 15-00
IADR+04h
PADR 31-16
IADR+06h
PADR 47-32
IADR+08h
LADRF 15-00
IADR+0Ah
LADRF 31-16
IADR+0Ch
LADRF 47-32
IADR+0Eh
LADRF 63-48
IADR+10h
RDRA 15-00
IADR+12h
RLEN
0
RES
RDRA 23-16
IADR+14h
TDRA 15-00
IADR+16h
TLEN
0
RES
TDRA 23-16
Table 43.
Initialization Block (SSIZE32 = 1)
Address
Bits
Bits
Bits
Bits
Bits
Bits
Bits
Bits
31-28
27-24
23-20
19-16
15-12
11-8
7-4
3-0
IADR+00h
TLEN
RES
RLEN
RES
MODE
IADR+04h
PADR 31-00
IADR+08h
RES
PADR 47-32
IADR+0Ch
LADRF 31-00
IADR+10h
LADRF 63-32
IADR+14h
RDRA 31-00
IADR+18h
TDRA 31-00
Table 44.
R/TLEN Decoding (SSIZE32 = 0)
R/TLEN
Number of DREs
000
1
001
2
010
4
011
8
100
16
101
32
110
64
111
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com