Electronic Components Datasheet Search
  English  ▼

X  

FXUB66 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FXUB66
Description  Maximus Flexible Ultra Wide Band Antenna 700-6000MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FXUB66 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FXUB66 Datasheet HTML 1Page - List of Unclassifed Manufacturers FXUB66 Datasheet HTML 2Page - List of Unclassifed Manufacturers FXUB66 Datasheet HTML 3Page - List of Unclassifed Manufacturers FXUB66 Datasheet HTML 4Page - List of Unclassifed Manufacturers FXUB66 Datasheet HTML 5Page - List of Unclassifed Manufacturers FXUB66 Datasheet HTML 6Page - List of Unclassifed Manufacturers FXUB66 Datasheet HTML 7Page - List of Unclassifed Manufacturers FXUB66 Datasheet HTML 8Page - List of Unclassifed Manufacturers FXUB66 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SPE-12-8-040/E/RC | page 2 of 14
The patent pending Maximus FXUB66
flexible ultra wideband antenna has been
designed to cover all working frequencies
in the 700-6000 MHz spectrum, including
all Cellular, Wi-Fi, ISM and GNSS bands.
Its use in a device improves substantially
the radiated power and sensitivity, and
enables the highest throughput rates of
today’s broadband devices.
The antenna is delivered with a flexible
body with ground breaking high efficiencies
on all bands, ground-plane independent,
with a cable and connector for easy
installation. It is made of durable flexible
polymer, with a peak gain of 5dBi, an
efficiency of more than 60% across all
cellular bands and is designed to be
mounted directly onto a plastic or glass
enclosure / cover.
At 120.4x50.4x.2mm, the antenna is
ultra thin. It is assembled by a simple
“peel and stick” process, attaching
securely to non-metal surfaces via
3M adhesive. It enables designers to
use only one antenna that covers all
frequencies and future proofs device
design for LTE and 4G globally.
It is also the ideal antenna to fit in devices
that are being retrofitted with wireless
functionality, as it will cover non cellular
applications such as 868, 915MHz or
Zigbee applications. It’s inherently wide
bandwidth is more resistant to detuning
than traditional small but narrow-band
legacy antennas.
The Maximus antenna has a unique
hybrid design. Within one antenna structure
the electromagnetic waves travel in two
predominant propagation modes - one for
lower frequencies, (e.g. LTE at 700 MHz)
and the other for higher 4G and Wi-Fi
frequencies up to 6GHz.
It is an ideal choice for any device maker
that needs to keep manufacturing costs
down over the lifetime of a product, as the
same antenna can be used if the radio
module is upgraded to work on a different
frequency band.
Cables and Connectors are customizable.
1. Introduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com