Electronic Components Datasheet Search
  English  ▼

X  

AM79C975KCW Datasheet(PDF) 185 Page - Advanced Micro Devices

Part # AM79C975KCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975KCW Datasheet(HTML) 185 Page - Advanced Micro Devices

Back Button AM79C975KCW Datasheet HTML 181Page - Advanced Micro Devices AM79C975KCW Datasheet HTML 182Page - Advanced Micro Devices AM79C975KCW Datasheet HTML 183Page - Advanced Micro Devices AM79C975KCW Datasheet HTML 184Page - Advanced Micro Devices AM79C975KCW Datasheet HTML 185Page - Advanced Micro Devices AM79C975KCW Datasheet HTML 186Page - Advanced Micro Devices AM79C975KCW Datasheet HTML 187Page - Advanced Micro Devices AM79C975KCW Datasheet HTML 188Page - Advanced Micro Devices AM79C975KCW Datasheet HTML 189Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 304 page
background image
Am79C973/Am79C975
185
P R E L I M INARY
The STVAL value is interpreted
as an unsigned number with a
resolution of 256 Time Base
Clock periods. For instance, a
value of 122 ms would be pro-
grammed with a value of 9531
(253Bh) if the Time Base Clock is
running at 20 MHz. A value of 0 is
undefined and will result in erratic
behavior.
Read and write accessible al-
ways. STVAL is set to FFFFh af-
ter H_RESET and is unaffected
by S_RESET and the STOP bit.
BCR32: PHY Control and Status Register
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15
ANTST
Reserved
for
manufacturing
tests. Written as 0 and read as
undefined.
Note: Use of this bit will cause
data corruption and erroneous
operation.
Read/Write accessible always.
ANTST is set to 0 by H_RESET
and is unaffected by S_RESET
and the STOP bit.
14
MIIPD
MII PHY Detect. MIIPD reflects
the quiescent state of the MDIO
pin. MIIPD is continuously updat-
ed whenever there is no manage-
ment operation in progress on the
MII interface. When a manage-
ment operation begins on the in-
terface, the state of MIIPD is
preserved
until
the
operation
ends, when the quiescent state is
again monitored and continuous-
ly updates the MIIPD bit. When
the MDIO pin is at a quiescent
LOW state, MIIPD is cleared to 0.
When the MDIO pin is at a quies-
cent HIGH state, MIIPD is set to
1. MIIPD is used by the automatic
port selection logic to select the
MII port. When the MIIPD bit is
set to 1, the MII port is selected.
Any transition on the MIIPD bit
will set the MIIPDTI bit in CSR7,
bit 3.
Read accessible always. MIIPD
is read only. Write operations are
ignored and should not be per-
formed.
13-12 FMDC
Fast Management Data Clock (is
used for manufacturing tests).
When FMDC is set to 2h the MII
Management Data Clock will run
at 10 MHz max. The Manage-
ment Data Clock will no longer be
IEEE 802.3u-compliant and set-
ting this bit should be used with
care. The accompanying external
PHY must also be able to accept
management frames at the new
clock rate. When FMDC is set to
1h, the MII Management Data
Clock will run at 5 MHz max. The
Management Data Clock will no
longer be IEEE 802.3u-compliant
and setting this bit should be
used with care. The accompany-
ing external PHY must also be
able
to
accept
management
frames at the new clock rate.
When FMDC is set to 0h, the MII
Management Data Clock will run
at 2.5 MHz max and will be fully
compliant to IEEE 802.3u stan-
dards. See Table 37.
Read/Write accessible always.
FMDC
is
set
to
0
during
H_RESET, and is unaffected by
S_RESET and the STOP bit
11
APEP
Auto-Poll PHY. APEP when set to
1
the
Am79C973/Am79C975
controller will poll the status regis-
ter in the PHY. This feature al-
lows the software driver or upper
layers to see any changes in the
status of the PHY. An interrupt
when enabled is generated when
the contents of the new status is
different from the previous status.
Table 37. FMDC Values
FMDC
Fast Management Data Clock
00
2.5 MHz max
01
5 MHz max
10
10 MHz max
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com