| Electronic Components Datasheet Search |
|
AM79C975KCW Datasheet(PDF) 51 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C975KCW Datasheet(HTML) 51 Page - Advanced Micro Devices |
|
51 / 304 page ![]() Am79C973/Am79C975 51 P R E L I M INARY Figure 16. Disconnect With Data Transfer Disconnect Without Data Transfer Figure 17 shows a target disconnect sequence during which no data is transferred. STOP is asserted on clock 4 without TRDY being asserted at the same time. The Am79C973/Am79C975 controller terminates the ac- cess with the deassertion of FRAME on clock 5 and of IRDY one clock cycle later. It finally releases the bus on clock 7. The Am79C973/Am79C975 controller will again request the bus after two clock cycles to retry the last transfer. The starting address of the new transfer will be the address of the last non-transferred data. Target Abort Figure 18 shows a target abort sequence. The target asserts DEVSEL for one clock. It then deasserts DEVSEL and asserts STOP on clock 4. A target can use the target abort sequence to indicate that it can- not service the data transfer and that it does not want the transa ctio n to be retr ied. Ad ditio nally, the Am79C973/Am79C975 controller cannot make any assumption about the success of the previous data transfers in the current transaction. The Am79C973/ Am79C975 controller terminates the current transfer with the deassertion of FRAME on clock 5 and of IRDY one clock cycle later. It finally releases the bus on clock 6. Since data integrity is not guaranteed, the Am79C973/ Am79C975 controller cannot recover from a target abort event. The Am79C973/Am79C975 controller will reset all CSR locations to their STOP_RESET values. The BCR and PCI configuration registers will not be cleared. Any on-going network transmission is termi- nated in an orderly sequence. If less than 512 bits have been transmitted onto the network, the transmission will be terminated immediately, generating a runt packet. If 512 bits or more have been transmitted, the message will have the current FCS inverted and ap- pended at the next byte boundary to guarantee an FCS error is detected at the receiving station. FRAME CLK AD IRDY TRDY C/BE DEVSEL REQ GNT PAR DEVSEL is sampled ADDRi 0000 0111 PAR 0111 2 3456789 11 10 PAR DATA STOP ADDRi+8 DATA 1 21510D-21 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |