Electronic Components Datasheet Search
  English  ▼

X  

GLA01 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # GLA01
Description  2.5dBi 1575.42MHz GPS Loop Antenna
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLA01 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button GLA01 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLA01 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLA01 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLA01 Datasheet HTML 9Page - List of Unclassifed Manufacturers GLA01 Datasheet HTML 10Page - List of Unclassifed Manufacturers GLA01 Datasheet HTML 11Page - List of Unclassifed Manufacturers GLA01 Datasheet HTML 12Page - List of Unclassifed Manufacturers GLA01 Datasheet HTML 13Page - List of Unclassifed Manufacturers GLA01 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SPE-11-8-040/E/SS
Page 10 of 20
5.2.
Centre Top of 50 x 100mm PCB
\
Frequency(MHz)
1560
1565
1570
1575
1580
1585
1590
Efficiency (%)
40.2
47.8
53.9
58.0
58.1
53.8
47.0
Peak Gain (dBi)
-2.5
-1.8
-1.2
-0.9
-0.9
-1.2
-1.8
Average Gain (dB)
-4.0
-3.2
-2.7
-2.4
-2.4
-2.7
-3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com