Electronic Components Datasheet Search
  English  ▼

X  

AM79C984A Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM79C984A
Description  enhanced Integrated Multiport Repeater (eIMR??
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C984A Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM79C984A Datasheet HTML 14Page - Advanced Micro Devices AM79C984A Datasheet HTML 15Page - Advanced Micro Devices AM79C984A Datasheet HTML 16Page - Advanced Micro Devices AM79C984A Datasheet HTML 17Page - Advanced Micro Devices AM79C984A Datasheet HTML 18Page - Advanced Micro Devices AM79C984A Datasheet HTML 19Page - Advanced Micro Devices AM79C984A Datasheet HTML 20Page - Advanced Micro Devices AM79C984A Datasheet HTML 21Page - Advanced Micro Devices AM79C984A Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
P R E L I M I N A R Y
18
Am79C984A
Notes:
1. CRS = Carrier Sense, COL = Collision, JAB = Jabber, LINK = Link, LB = Loop Back, PAR = Partition, DIS = Port Disabled,
blk = Blink (Number = period of Blink).
2. For the LDC0-2 setting of 000: If the port is partitioned, the LINK LED is off.
3. All LEDs blink 16 times at 260 ms per blink after reset.
4. All LEDs are on for approximately 4 seconds after reset.
5. LDC0-2 = ‘010’ and ‘011’ are undefined.
LED software override is executed in two stages, by
first issuing the blink rate (Software Override of LED
Blink Rate) and then issuing the command to enable
the particular port LEDs (Enable Software Override of
Bank
A/B LEDs). All port combinations selected for
software override control will reference the blink rate
last issued by the Software Override of the LED Blink
Rate command.
LDA0-4, LDB0-4, LDGA, and LDGB are open drain out-
put drivers that sink 12 mA of current to turn on the
LEDs. In a multiple eIMR configuration, the outputs
from the global LED drivers (LDGA and LDGB) of each
chip can be tied together to drive a single pair of global
status LEDs.
CRS and COL are extended to make it easier for visual
recognition; that is, they will remain active for some
time even if the corresponding condition has expired.
Once carrier sense is active, CRS will remain active for
a minimum of 4 ms. Once a collision is detected, COL
is active for at least 4 ms. The exception to this rule is
for selection LDC0-2 = 111. For this selection, COL is
stretched to 100
µs.
When LDC0-2 = 000 or LDC0-2 = 001, the loopback at-
tribute (LB) for the AUI port is displayed on LDA0. LB is
true when DO on the MAU is successfully looped back
to DI on the AUI port. LB is false (off) if a loopback error
is detected, or if the AUI port is disabled or in the re-
verse mode. Transmit carrier sense is sampled at the
end of packet to determine the state of LB. The state of
LB remains latched until carrier sense is sampled again
for the next packet. The default/power-up state for LB is
false (off).
Figure 1 shows the recommended connection of LEDs.
When LDA0-4, LDB0-4, LDGA, or LDGB are LOW, the
LED lights.
Figure 1. Visual Monitoring Application—Direct
LED Drive
Network Activity Display
The eIMR status port can drive up to eight LEDs to in-
dicate the network-utilization level as a percentage of
bandwidth. The status port uses eight dedicated out-
puts (ACT0-7) to drive a series of LEDs. The number of
LEDs in the series that will be lit increases as the
amount of network activity increases. ACT0 represents
the lowest level of activity; ACT7 represents the high-
est. ACT0-7 are open-drain outputs that typically sink
12 mA of current to turn on the LEDs. See Figure 2.
Table 2. LED Attribute-Monitoring Program Options
LED Control
Global LEDs
TP LEDs
AUI LEDs
LDC2
LDC1
LDC0
LDGA
LDGB
LDA1-4
LDB1-4
LDA0
LDB0
0
0
0
CRS
COL
LINK (Note 2)
PAR
LB
PAR
0
0
1
CRS
COL
LINK
CRS
LB
CRS
0
1
0
Reserved (Note 5)
0
1
1
Reserved (Note 5)
1
0
0
CRS 260-ms blk
COL 260-ms blk
LINK
CRS 260-ms blk
PAR
COL 260-ms blk
CRS 260-ms blk
PAR
COL 260-ms blk
1
0
1
COL
JAB
LINK (Note 3)
CRS 512-ms blk
PAR (Note 3)
(Note 3)
CRS 512-ms blk
PAR (Note 3)
1
1
0
CRS
COL
LINK
CRS 130-ms blk
PAR or DIS
CRS 130-ms blk
PAR or DIS
1
1
1
CRS
COL
LINK (Note 4)
PAR 1.56-s blk
COL (Note 4)
(Note 4)
PAR 1.56-s blk
PAR (Note 4)
eIMR
LED
Interface
LDA[4:0]
LDB[4:0]
LDGA
LDGB
R
VDD
Typical
20650A-6
20650B-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com