Electronic Components Datasheet Search
  English  ▼

X  

AM79C984 Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # AM79C984
Description  enhanced Integrated Multiport Repeater (eIMR??
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C984 Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button AM79C984 Datasheet HTML 22Page - Advanced Micro Devices AM79C984 Datasheet HTML 23Page - Advanced Micro Devices AM79C984 Datasheet HTML 24Page - Advanced Micro Devices AM79C984 Datasheet HTML 25Page - Advanced Micro Devices AM79C984 Datasheet HTML 26Page - Advanced Micro Devices AM79C984 Datasheet HTML 27Page - Advanced Micro Devices AM79C984 Datasheet HTML 28Page - Advanced Micro Devices AM79C984 Datasheet HTML 29Page - Advanced Micro Devices AM79C984 Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
P R E L I M I N A R Y
26
Am79C984A
Enable Software Override of Bank B LEDs (Per Port -
AUI and TP, Global)
SI Data
1100 ####
SO Data
None
This command forces the LEDs in Bank B to blink. In-
dividual LEDs and combinations of LEDs can be select-
ed via the lower four bits of the command byte as follows:
####
Port(s) affected
0000-0011 TP0 - TP3
0100-0111 Reserved
1000
AUI port
1001
Reserved
1010
Reserved
1011
All TP ports
1100
All ports
1101
Global
1110
Reserved
1111
Reserved
The designated LED driver(s) will switch between LOW
and ‘off’ at the rate set by the Software Override of LED
Blink Rate command. Enable Software Override of
Bank B LEDs references the blink rate last issued and
overrides any other attribute specified by LDC0-2. Soft-
ware Override of LEDs is disabled after reset.
Software Override of LED Blink Rate
SI Data
1110 1###
SO Data
None
This command sets the blink period of the LEDs with
Software Override enabled. The duty cycle is 50%. This
command defaults to ‘off’ at reset.
Setting
Blink Period
1110 1000
Off
1110 1001
512 ms
1110 1010
1560 ms
1110 1011
Solid On
These settings apply to the blink rate for both Bank A
and Bank B. This command must precede the Enable
Software Override of Bank A/B LEDs command. All LED
combinations selected for Software Override will refer-
ence the blink rate last issued.
GET (Read Commands)
AUI Port(s) Status
SI Data
1000 1111
SO Data
PBSL 0000
The combined AUI status of the eIMR device allows a
single instruction to be used to monitor the AUI port.
The four local status bits are:
P
Partitioning Status
This bit is ‘0’ if the AUI port is partitioned and ‘1’ if the
AUI port is connected.
B
Bit Rate Error
This bit is set to ‘1’ if there is an instance of FIFO overflow
or underflow. The bit is cleared when the eIMR device
is read.
S
SQE Test Status
This bit is set to ‘1’ if the SQE test error is detected by
the eIMR chip.The bit is cleared when the status is read.
L
Loopback Error
The MAU attached to the AUI port is required to loop-
back data transmitted to DO onto the DI circuit. If the
loopback carrier is not detected by the eIMR device, this
bit is set to ‘1’.This bit is cleared when the status is read.
Alternate AUI Port(s) Status
There are three further variations of the AUI Port Status
Command allowing selective clearing of a combination
of B,S, and L bits. These are the following:
Alternate 1: B is not cleared, S and L are Cleared
SI Data
1000 1011
SO Data
PBSL 0000
Alternate 2: S and L are not cleared, B is Cleared
SI Data
1000 1101
SO Data
PBSL 0000
Alternate 3: None of S, B, and L are Cleared
SI Data
1000 1001
SO Data
PBSL 0000
TP Port Partitioning Status
SI Data
1000 0000
SO Data
0000 P3..P0
P
n = 0
TP Port Partitioned
P
n = 1
TP port Connected
where
n is a port number in the range 0–3.
The response to this command gives the partitioning
status of all four TP ports. If a port is disabled, reading
its partitioning status will indicate that it is connected.
Bit Rate Error Status of TP Ports
SI Data
1010 0000
SO Data
0000 E3..E0
E
n = 0
No Error
E
n = 1
FIFO Overflow
where
n is a port number in the range 0–3.
The response to this command gives the bit-rate-over-
flow or underflow (data rate mismatch) condition of all
the TP ports. A 1 indicates that the FIFO has overflowed
or underflowed due to the amount of data received by
the corresponding port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com