Electronic Components Datasheet Search
  English  ▼

X  

AM85C30 Datasheet(PDF) 50 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 50 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 46Page - Advanced Micro Devices AM85C30 Datasheet HTML 47Page - Advanced Micro Devices AM85C30 Datasheet HTML 48Page - Advanced Micro Devices AM85C30 Datasheet HTML 49Page - Advanced Micro Devices AM85C30 Datasheet HTML 50Page - Advanced Micro Devices AM85C30 Datasheet HTML 51Page - Advanced Micro Devices AM85C30 Datasheet HTML 52Page - Advanced Micro Devices AM85C30 Datasheet HTML 53Page - Advanced Micro Devices AM85C30 Datasheet HTML 54Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 194 page
background image
I/O Programming Functional Description
AMD
3–19
3.3.9.3
DTR/REQ Deactivation Timing
On the NMOS SCC, the DMA Request function on
DTR/REQ differs from the one on
W/REQ in that it does not go High immediately in response to the access which writes to
WR8. This is because the registers in the SCC are not written during the actual access,
but are delayed by some number of PCLK cycles. The DMA Request signal on
DTR/REQ
follows the state of WR8 exactly while the Request signal on
W/REQ goes inactive in an-
ticipation of WR8 becoming full. The timing of the Request signal on both pins is shown in
Figure 3–9.
This deactivation delay of
DTR/REQ is unacceptable in applications where slower data
rates are involved relative to the processor. This delay can result in overwriting the Trans-
mit Buffer because the DMA Controller may recognize the continued active state of
DTR/REQ as a request for more data. On the CMOS SCC an option is provided that en-
ables the deactivation delay of
DTR/REQ to be identical to that of the W/REQ pin. If
SDLC mode operation is selected and bit D0 of WR15 is set to ‘1’, then bit D4 of WR7’
can be used to alter the deactivation delay. While bit D4 of WR7’ is set to ‘1’, the deacti-
vation of
DTR/REQ will be identical to W/REQ.
ASYNC Modes
SYNC Modes
TRxC
PCLK
REQ
(
DTR/REQ)
REQ
(
W/REQ)
Figure 3–8. DMA Request on Transmit Activation
WR
D0 – D7
PCLK
REQ
(
DTR/REQ)
REQ
(
W/REQ)
Figure 3–9. DMA Request on Transmit Deactivation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com