Electronic Components Datasheet Search
  English  ▼

X  

INA214AIRSWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA214AIRSWR
Description  Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA214AIRSWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA214AIRSWR Datasheet HTML 9Page - Texas Instruments INA214AIRSWR Datasheet HTML 10Page - Texas Instruments INA214AIRSWR Datasheet HTML 11Page - Texas Instruments INA214AIRSWR Datasheet HTML 12Page - Texas Instruments INA214AIRSWR Datasheet HTML 13Page - Texas Instruments INA214AIRSWR Datasheet HTML 14Page - Texas Instruments INA214AIRSWR Datasheet HTML 15Page - Texas Instruments INA214AIRSWR Datasheet HTML 16Page - Texas Instruments INA214AIRSWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Output
INA21x
Load
Supply
ADC
V+
OUT
GND
IN-
IN+
C
BYPASS
0.01mF
to
0.1mF
+2.7Vto+26V
REF
R
1
R
3
R
2
R
4
RSHUNT
INA210, INA211
INA212, INA213
INA214
www.ti.com
SBOS437E – MAY 2008 – REVISED JUNE 2013
REF INPUT IMPEDANCE EFFECTS
As with any difference amplifier, the INA210-INA214 series common-mode rejection ratio is affected by any
impedance present at the REF input. This concern is not a problem when the REF pin is connected directly to
most references or power supplies. When using resistive dividers from the power supply or a reference voltage,
the REF pin should be buffered by an op amp.
In systems where the INA210-INA214 output can be sensed differentially, such as by a differential input analog-
to-digital converter (ADC) or by using two separate ADC inputs, the effects of external impedance on the REF
input can be cancelled. Figure 26 depicts a method of taking the output from the INA210-INA214 by using the
REF pin as a reference.
Figure 26. Sensing INA210-INA214 to Cancel Effects of Impedance on the REF Input
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: INA210 INA211 INA212 INA213 INA214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com