Electronic Components Datasheet Search
  English  ▼

X  

FPG-COM1 Datasheet(PDF) 17 Page - Panasonic Semiconductor

Part # FPG-COM1
Description  Programmable Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FPG-COM1 Datasheet(HTML) 17 Page - Panasonic Semiconductor

Back Button FPG-COM1 Datasheet HTML 13Page - Panasonic Semiconductor FPG-COM1 Datasheet HTML 14Page - Panasonic Semiconductor FPG-COM1 Datasheet HTML 15Page - Panasonic Semiconductor FPG-COM1 Datasheet HTML 16Page - Panasonic Semiconductor FPG-COM1 Datasheet HTML 17Page - Panasonic Semiconductor FPG-COM1 Datasheet HTML 18Page - Panasonic Semiconductor FPG-COM1 Datasheet HTML 19Page - Panasonic Semiconductor FPG-COM1 Datasheet HTML 20Page - Panasonic Semiconductor FPG-COM1 Datasheet HTML 21Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
FP-e
FP-X
FP2/FP2SH
Can be used as a master station [F145 (Write) and F146 (Read) instructions].
Can easily communicate with temperature controllers, inverters, FP-e and
overseas PLCs.
Also serves as
a slave station.
Temperature
controller
Power meter
Inverter
Token passing
Master/
Slave
Master/
Slave
Master/
Slave
Master/
Slave
A multi-master link
of up to 99 units
can be created.
RS232C
2D code reader
PD60/65
Eco Power Meter
KW4M
Temperature
controller
KT4H
RS485
17
FP
S (Sigma)
Supports the enhancement of your equipment’s performance
Network enhancement
Modbus-compatible
FP
S (Sigma) is compatible with the world‘s
de facto standard Modbus* and can serve
as both Modbus RTU master and slave,
making it ideal for air conditioning or
temperature control etc.
* Protocol developed by Modicon Inc.,
an American company
Other available applications
When 17 or more FP
S (Sigma) units need to be
linked, you can use the Modbus function instead
of MEWNET-W0 to link up to 99 units. Since each
FP
S (Sigma) unit can be either a master or a slave,
a multi-master link can be created by passing a
token from a user program.
Security enhancement
Programs are copy-protected by the upload restriction setting and an eight-character password.
The setting to inhibit the uploading of PLC programs to PCs protects your programs from unauthorized copying. (If this setting is

released, programs in the PLC are forcibly cleared.)
An eight-character password has been adopted. (The conventional four-character password is also available.)

Approx. 218 trillion passwords can be set by combining eight alphanumeric characters, making it nearly impossible to crack the
password set.
Debugging performance enhancement
Up to 512 steps can be rewritten simultaneously in RUN mode.
This improvement allows efficient program debugging without stopping the operation.
New “MEWTOCOL Master” function available
The MEWTOCOL master function automatically creates and transmits commands using the Panasonic open protocol
MEWTOCOL. This function significantly facilitates serial communications with MEWTOCOL-compatible equipment, such as
PD60/65, KT4H and KW4M.
FP
S (Sigma) can serve as Modbus master or slave
09/2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com