Electronic Components Datasheet Search
  English  ▼

X  

AMC001CFLKA Datasheet(PDF) 37 Page - Advanced Micro Devices

Part # AMC001CFLKA
Description  1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC001CFLKA Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button AMC001CFLKA Datasheet HTML 33Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 34Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 35Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 36Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 37Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 38Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 39Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 40Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
5/4/98
AmC0XXCFLKA
37
AC CHARACTERISTICS—ALTERNATE CE CONTROLLED WRITES
Write/Erase/Program Operations
Notes:
1. Rise/Fall ð10 ns.
2. Maximum specification not needed due to the internal stop timer that will stop any erase or write operation that exceed the
device specification.
3. Card Enable Controlled Programming:
Flash Programming is controlled by the valid combination of the Card Enable (CE1, CE2) and Write Enable (WE) signals. For
systems that use the Card Enable signal(s) to define the write pulse width, all Setup, Hold, and inactive Write Enable timing
should be measured relative to the Card Enable signal(s).
4. Embedded Program Operation of 16
µs consist of 10 µs program pulse and 6 µs write recovery before read. This is the min-
imum time for one pass through the programming algorithm. D5 = “1” only after a byte takes longer than 48 ms to Write.
Card Speed
Parameter Symbol
Parameter Description
-150 ns
Unit
JEDEC
Standard
Min
Max
tAVAV
tWC
Write Cycle Time
150
ns
tAVEL
tAS
Address Setup Time
20
ns
tELAX
tAH
Address Hold Time
55
ns
tDVEH
tDS
Data Setup Time
50
ns
tEHDX
tDH
Data Hold Time
20
ns
tGLDV
tOE
Output Enable Hold Time for Embedded Algorithm
20
ns
tGHEL
Read Recovery Time before Write
0
µs
tWLEL
tWS
WE Setup Time before CE
0ns
tEHWH
tWH
WE Hold Time
0
ns
tELEH
tCP
CE Pulse Width
65
ns
tEHEL
tCPH
CE Pulse Width HIGH (Note 3)
50
ns
tEHEH3
Embedded Programming Operation (Notes 3, 4)
16
µs
48
ms
tEHEH4
Embedded Erase Operation for each 64K byte Memory Sector
(Notes 1, 2)
1.5
s
tVCS
VCC Setup Time to Write Enable LOW
50
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com