Electronic Components Datasheet Search
  English  ▼

X  

5259MTH1R Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # 5259MTH1R
Description  THE WIDEST RANGE IN MINIATURE SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5259MTH1R Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button 5259MTH1R Datasheet HTML 13Page - List of Unclassifed Manufacturers 5259MTH1R Datasheet HTML 14Page - List of Unclassifed Manufacturers 5259MTH1R Datasheet HTML 15Page - List of Unclassifed Manufacturers 5259MTH1R Datasheet HTML 16Page - List of Unclassifed Manufacturers 5259MTH1R Datasheet HTML 17Page - List of Unclassifed Manufacturers 5259MTH1R Datasheet HTML 18Page - List of Unclassifed Manufacturers 5259MTH1R Datasheet HTML 19Page - List of Unclassifed Manufacturers 5259MTH1R Datasheet HTML 20Page - List of Unclassifed Manufacturers 5259MTH1R Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
A-38
APEM
www.apem.com
5000 series
Toggle switches - plain bushing
Right angle terminals - horizontal : 5200W
A
Three pole
Double pole
Single pole
• Terminal spacing 4,7 mm (.185)
• 1, 2 and 3 pole configurations
Special switch 5200WX404 with reduced overall dimensions
is presented under "Special options".
III
II
I
2-3
1-2
5236W
ON
-
ON
5239W
ON
OFF
ON
5237W
MOM OFF MOM
5238W
ON
OFF MOM
5232W
ON
- MOM
III
II
I
2-3
1-2
5-6
4-5
5246W
ON
-
ON
5249W
ON
OFF
ON
5247W
MOM OFF MOM
5248W
ON
OFF MOM
5242W
ON
- MOM
5244W*
ON
ON
ON
5244W 1R*
ON
ON MOM
5244W 2R*
MOM ON MOM
III
II
I
2-3
1-2
5-6
4-5
8-9
7-8
5256W
ON
-
ON
5259W
ON
OFF
ON
5257W
MOM OFF MOM
5258W
ON
OFF MOM
5252W
ON
- MOM
MODEL
STRUCTURE
Shown with standard lever (-13)
*Function 4 : SP in DP case - specify CT or TH connections, see end of catalogue.
11.00
(.433)
6.00
13.50
(.236)
(.531)
3.70
(.145)
5.08
(.200)
4.70
(.185)
(.275)
7.00
24˚
7.40
12.70
(.500)
(.291)
I
II
III
Ø1.60
(.062 DIA)
1.10
(.043)
1
2
3
(.291)
(.500)
(.150)
(.531)
(.472)
(.236)
(.145)
(.200)
3.70
13.50
6.00
12.00
5.08
3.81
12.70
7.40
(.433)
11.00
24˚
4.70
(.185)
III
II
I
Ø1.60
(.062 DIA)
1.10
(.043)
1
2
3
4
6
(.150)
(.564)
(.283)
7.20
14.35
3.81
(.236)
(.492)
(.531)
(.653)
(.145)
(.043)
3.70
13.50
6.00
12.5
16.60
1.10
5.08
(.196)
(.185)
4.70
(.062 DIA)
Ø1.60
III
II
I
4
5
6
24˚
7
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com