Electronic Components Datasheet Search
  English  ▼

X  

MB508 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # MB508
Description  SINGLE-PHASE BRIDGE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

MB508 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  MB508 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
FEATURES
Low cost
High forward surge current capability low thermal resistance.
High isolation voltage from case to lugs.
High temperature soldering guaranteed:
260
/10 second, at 5 lbs. (2.3kg) tension.
MECHANICAL DATA
Case: Molded body
 Terminal: Plated 0.25" (6.35mm) lug.
Polarity: Polarity symbols marked on case.
Mounting: Thru hole for #10 screw, 20 in - lbs. Torque max
Weight: 0.84ounce, 24gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%
SYMBOLS MB5005 MB501
MB502
MB504
MB506
MB508 MB5010
UNIT
VRRM







Volts
Maximum RMS Voltage
VRMS







Volts
Maximum DC Blocking Voltage
VDC







Volts
Maximum Average Forward Rectified Output
Current, at TC = 50
 (Note1, 2)
Peak Forward Surge Current
8.3ms single half sine - wave superimposed on
rated load (JEDEC method )
Rating for Fusing (t<8.3ms)
I
2tA2s
per bridge element at 25A
Maximum DC Reverse Current at rated TA = 25

Amp
DC blocking voltage per element
TA
mAmp
Isolation Voltage from case to lugs
VISO
VAC
Typical Thermal Resistance (Note 1, 2)
RJC
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
1. Unit Mounted on 9" X 3.5" X 4.6" (23 X 9 X 11.8cm) Al. finned plate.
2. Bolt down on heatsink with silicon thermal compound between bridge and mounting surface for maximum heat transfer efficiency
with #10 screw.
(-65 to +150)


Amps
Volts




(-65 to +150)
IR
IFSM
Amps



I(AV)
VF
Maximum Instantaneous Forward Voltage Drop
Maximum Repetitive Peak Reverse Voltage
SINGLE-PHASE BRIDGE RECTIFIER
MB5005-5010
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - MB508

ManufacturerPart #DatasheetDescription
logo
Dc Components
MB508 DCCOM-MB508 Datasheet
469Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB508 MCC-MB508 Datasheet
78Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
fujitsu semiconductor
MB508 FUJITSU-MB508 Datasheet
93Kb / 8P
2.3GHz TWO MODULUS PRESCALER
logo
TAITRON Components Inco...
MB508 TAITRON-MB508 Datasheet
144Kb / 4P
50A Single-Phase Bridge Rectifier
logo
New Jersey Semi-Conduct...
MB508 NJSEMI-MB508 Datasheet
105Kb / 2P
High Currant Bridge Rectifier
More results

Similar Description - MB508

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com