Electronic Components Datasheet Search
  English  ▼

X  

MB401 Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # MB401
Description  SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

MB401 Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  MB401 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD MB401 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
AVERAGE OUTPUT CURRENT,
0
5
0
20
40
60
80
20
10
15
30
25
or
Resistive
Load
Inductive
35
j j max
Load
Capacitive
T =T
PER BRIDGE LEMENT
FIG.3-TYPICAL FORWARD CHARACTERISTICS
1%Duty Cycle
Pulse Width=300uS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Inductive or Resistive
FIG.1-DERATING CURVE FOR
CASE TEMPERATURE, ( ° C)
INSTANTANEOUS FORWARD VOLTAGE,(V)
0.01
0.1
1.0
100
10
0
0
50
15
25
Half Wave 60Hz
Single Phase
Load
35
40
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
40
FIG.5-MAXIMUM POWER DISSIPATION
100
0.01
0
20
0.1
j
T =25 ° C
1.0
10
100
100
60
80
120
140
j
T =25 ° C
j
T =100 ° C
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FORWARD SURGE CURRENT PER ELEMENT
NUMBER OF CYCLES AT 60 Hz
FIG.2-MAXIMUM NON-REPETITIVE PEAK
500
125
2
1
0
4
400
200
100
300
1 Cycle
Heat Sink Mounting
600
700
6
8 10
20
40
60
100
T
8.3ms Single Half Sine-Wave
(JEDEC Method)
=T
j
j max
9"X 3.5"X 4.6" Thick
(23 X 9 X 11.8cm)
AL.Finned Plate
PER BRIDGE ELEMENT
25
75
100
150
175
(A)
40
MB4005-4010
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com