Electronic Components Datasheet Search
  English  ▼

X  

F4T7 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # F4T7
Description  Snap-action Microswitches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F4T7 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  F4T7 Datasheet HTML 1Page - List of Unclassifed Manufacturers F4T7 Datasheet HTML 2Page - List of Unclassifed Manufacturers F4T7 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.saia-burgess.com
saia-burgess Switches
F4
Operating Characteristics
Actuating
Release
Free
Operating
Movement
Over
Actuator
Reference
Force
Force
Position
Position
Differential
travel
Maximum
Minimum
Maximum
Maximum
(N)
(ozf)
(N)
(ozf)
(mm)
(in)
(mm)
(in)
(mm)
(in)
Plunger
F4T6
1,4
5,00
0,25
0,90
8,8
0,35
8,1 +0.3
0,32 +0.01
0,13
0,005
*
F4T7
–0.2
–0.008
Y1-Lever
F4T6Y1
0,6
2,20
0,07
0,25
10,0
0,39
8,2 +1.0
0,32 +0.04
0,70
0,030
*
F4T7Y1
–0.7
–0.03
Width of lever 3.0 mm/0.12 in
YC-Lever
F4T6YC
0,7
2,50
0,09
0,32
11,7
0,46
10,3 +0.8
0,41 +0.03
0,45
0,020
*
F4T7YC
–0.55
–0.02
Width of lever 3.0 mm/0.12 in
Operating characteristics are specified from the mounting holes.
* Plunger can be depressed flush with housing. The housing should not be used as an end stop.
Basic type
F4
Terminals
T6
Faston
2.03  0.5  6.6 long
T7
Solder
3.50  0.5  3.6 long
T8
PCB
0.8  0.5  4.0 long
Circuit
No symbol, change-over
C2
Normally closed
C4
Normally open
Actuators
No symbol, without lever
Y1
Plain lever 21.0 mm
YC
Cam follower lever 16.9 mm
Contacts Material
No symbol, Ag
GP
Gold plate on Ag (GP)
Approvals
No symbol, without approval
UL
UL and CSA approval
Special Features
/

Saia-Burgess specialise in customer specific solutions.
Additional product variants are available or can be provided.
If your requirements cannot be satisfied from the options listed,
please contact www.saia-burgess.com or your local SB outlet.
Type coding key for standard products
R2.4
Burgess
Burgess
Burgess
[0.09]
[0.83]
[0.3]
7.5
16.9
[0.67]
[0.3]
21.0
7.5
[0.06]
1.6
[0.13]
3.4
R2.4
Burgess
Burgess
Burgess
[0.09]
[0.83]
[0.3]
7.5
16.9
[0.67]
[0.3]
21.0
7.5
[0.06]
1.6
[0.13]
3.4
R2.4
Burgess
Burgess
Burgess
[0.09]
[0.83]
[0.3]
7.5
16.9
[0.67]
[0.3]
21.0
7.5
[0.06]
1.6
[0.13]
3.4
Example: F4
T6
C2
Y1
GP
UL
20 | 21
Inhalt_englisch_1.indd 20
7.12.2005 13:58:12 Uhr



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com