Electronic Components Datasheet Search
  English  ▼

X  

LT1242CS8 Datasheet(PDF) 4 Page - Linear Integrated Systems

Part # LT1242CS8
Description  High Speed Current Mode Pulse Width Modulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1242CS8 Datasheet(HTML) 4 Page - Linear Integrated Systems

  LT1242CS8 Datasheet HTML 1Page - Linear Integrated Systems LT1242CS8 Datasheet HTML 2Page - Linear Integrated Systems LT1242CS8 Datasheet HTML 3Page - Linear Integrated Systems LT1242CS8 Datasheet HTML 4Page - Linear Integrated Systems LT1242CS8 Datasheet HTML 5Page - Linear Integrated Systems LT1242CS8 Datasheet HTML 6Page - Linear Integrated Systems LT1242CS8 Datasheet HTML 7Page - Linear Integrated Systems LT1242CS8 Datasheet HTML 8Page - Linear Integrated Systems LT1242CS8 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT1241 Series
4
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Undervoltage Lockout –
Undervoltage Lockout –
Undervoltage Lockout – LT1241
LT1242, LT1244
LT1243, LT1245
Supply Current vs
Oscillator Frequency
Oscillator Frequency
Oscillator Sink Current
TEMPERATURE (
°C)
–50
6
7
8
9
10
11
–25
25
75
125
LT1241 • TPC01
0
50
100
MINIMUM OPERATING VOLTAGE
START-UP THRESHOLD
TEMPERATURE (
°C)
–50
9
10
11
16
17
–25
25
75
125
LT1241 • TPC02
0
50
100
MINIMUM OPERATING VOLTAGE
START-UP THRESHOLD
15
TEMPERATURE (
°C)
–50
6
7
8
9
10
11
–25
25
75
125
LT1241 • TPC03
0
50
100
MINIMUM OPERATING VOLTAGE
START-UP THRESHOLD
TEMPERATURE (
°C)
–50
5
6
7
8
9
10
–25
25
75
125
LT1241 • TPC06
0
50
100
VCC = 15V
RT = 10k
CT = 3300pF
TEMPERATURE (
°C)
–50
0
40
80
120
160
200
–25
25
75
125
LT1241 • TPC05
0
50
100
180
140
100
60
20
Start-Up Current
Start-Up Current
Supply Current
VCC (V)
0
0
50
100
150
200
2
8
12
18
LT1241 • TPC04
410
14
6
16
LT1241
LT1242/4
LT1243/5
TJ = 25°C
START-UP
THRESHOLD
OSCILLATOR FREQUENCY (Hz)
10k
0
2
3
5
7
8
10
100k
1M
LT1241 • TPC18
9
6
4
1
LT1242, LT1243
LT1241, LT1244, LT1245
VCC = 15V
RT = 10k
CL = 15pF
TEMPERATURE (
°C)
–50
40
44
48
52
56
60
–25
25
75
125
LT1241 • TPC07
0
50
100
42
46
50
54
58
VCC = 5V
RT = 10k
CT = 3300pF
TEMPERATURE (
°C)
–50
7.7
8.7
–25
25
75
125
LT1241 • TPC08
0
50
100
7.8
8.0
8.2
8.4
8.6
8.5
7.9
8.1
8.3
VPIN4 = 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com