Electronic Components Datasheet Search
  English  ▼

X  

LTC1099CSW Datasheet(PDF) 8 Page - Linear Integrated Systems

Part # LTC1099CSW
Description  High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1099CSW Datasheet(HTML) 8 Page - Linear Integrated Systems

Back Button LTC1099CSW Datasheet HTML 4Page - Linear Integrated Systems LTC1099CSW Datasheet HTML 5Page - Linear Integrated Systems LTC1099CSW Datasheet HTML 6Page - Linear Integrated Systems LTC1099CSW Datasheet HTML 7Page - Linear Integrated Systems LTC1099CSW Datasheet HTML 8Page - Linear Integrated Systems LTC1099CSW Datasheet HTML 9Page - Linear Integrated Systems LTC1099CSW Datasheet HTML 10Page - Linear Integrated Systems LTC1099CSW Datasheet HTML 11Page - Linear Integrated Systems LTC1099CSW Datasheet HTML 12Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC1099
8
HOLD
TZ
T+
T–1
T–2
TZ
TZ
T+
T–1 T–2
STROBE
SAMPLE
SAMPLE
(+)
(+)
(–)
(–)
(–)
(–)
VIN
MS TAP
DAC
0.5 LSB
0V
LS TAP
C2
C1
VIRTUAL
GROUND
C1 = C2
1099 F06
FUNCTIONAL DESCRIPTIO
also that variations in the bias voltage with time and
temperature will also be rejected. In this state, C1 charges
to VIN. When TZ opens, VIN is held on C1.
The next step is the first comparison — the MS-Flash. TZ
and T+ are opened and T–1 is closed. The equation for each
comparator is:
VIN + 0.5LSB – MSTAP = 0V
There are 16 identical comparators each tied to the tap on
a 16 resistor ladder. The MS tap voltages vary from VREF
to 0V in 16 equal steps of VREF/16.
Notice that capacitor C2 adds 0.5LSB to VIN. This offsets
the converter transfer function by 0.5LSB, equally distrib-
uting the 1LSB quantization error to
±0.5LSB.
The outputs of the 16 comparators are temporarily latched
and drive the 4-bit DAC directly without need of decoding.
This holds the DAC output constant for the next step — the
LS conversion. The LS conversion is started when T–1 is
opened and T–2 is closed. Capacitor C1 subtracts the 4-bit
DAC approximation from VIN and inputs the difference
charge to the virtual ground node. The equation for each
comparator is:
VIN + 0.5LSB – VDAC – LSTAP = 0V
The 4-bit DAC approximation is input to all 16 compara-
tors. The LS tap voltages are converted to charge by
capacitor C2. LS taps vary from VREF/16V to 0V in 16 equal
steps of VREF/256. The comparators look at the net charge
on the virtual ground node to perform the LS-Flash con-
version. When this conversion is complete, the four LSBs
along with the four MSBs are transferred to the output
latches. In this way, all eight outputs will change
simultaneously.
Figure 6. Six Input Switched Capacitor Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com