Electronic Components Datasheet Search
  English  ▼

X  

ADC10158CIWM Datasheet(PDF) 21 Page - Texas Instruments

Part # ADC10158CIWM
Description  ADC10154/ADC10158 10-Bit Plus Sign 4 s ADCs with 4 or 8-Channel MUX,
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC10158CIWM Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC10158CIWM Datasheet HTML 17Page - Texas Instruments ADC10158CIWM Datasheet HTML 18Page - Texas Instruments ADC10158CIWM Datasheet HTML 19Page - Texas Instruments ADC10158CIWM Datasheet HTML 20Page - Texas Instruments ADC10158CIWM Datasheet HTML 21Page - Texas Instruments ADC10158CIWM Datasheet HTML 22Page - Texas Instruments ADC10158CIWM Datasheet HTML 23Page - Texas Instruments ADC10158CIWM Datasheet HTML 24Page - Texas Instruments ADC10158CIWM Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
2.0 Applications Information
(Continued)
voltage which is necessary to just cause an output digital
code transition from 000 0000 0000 to 000 0000 0001
(10-bits plus sign) and the ideal 1⁄2 LSB value (1⁄2 LSB = 2.44
mV for V
REF = + 5.000V and 10-bit plus sign resolution).
The zero error of the A/D does not require adjustment. If the
minimum analog input voltage value, V
IN(Min), is not ground,
the effetive “zero” voltage can be adjusted to a convenient
value. The converter can be made to output an all zeros
digital code for this minimum input voltage by biasing any
minus input to V
IN(Min). This is useful for either the differen-
tial or pseudo-differential input channel configurations.
2.4.2 Full-Scale
The full-scale adjustment can be made by applying a differ-
ential input voltage which is 11⁄2 LSB down from the desired
analog full-scale voltage range and then adjusting the V
REF
voltage (V
REF =VREF
+ −V
REF
−) for a digital output code
changing from 011 1111 1110 to 011 1111 1111. In bipolar
signed operation this only adjusts the positive full scale error.
The negative full-scale error will be as specified in the Elec-
trical Characteristics after a positive full-scale adjustment.
2.4.3 Adjusting for an Arbitrary Analog Input
Voltage Range
If the analog zero voltage of the A/D is shifted away from
ground (for example, to accommodate an analog input signal
which does not go to ground), this new zero reference
should be properly adjusted first. A plus input voltage which
equals this desired zero reference plus 1⁄2 LSB (where the
LSB is calculated for the desired analog span, using 1 LSB =
analog span/2
n, n being the programmed resolution) is ap-
plied to selected plus input and the zero reference voltage at
the corresponding minus input should then be adjusted to
just obtain the 000
HEX to 001HEX code transition.
The full-scale adjustment should be made [with the proper
minus input voltage applied] by forcing a voltage to the plus
input which is given by:
where V
MAX equals the high end of the ananlog input range,
V
MIN equals the low end (the offset zero) of the analog range
and n equals the programmed resolution. Both V
MAX and
V
MIN are ground referred. The VREF (VREF =VREF
+ −V
REF
−)
voltage is then adjusted to provide a code change from
3FE
HEX to 3FFHEX. Note, when using a pseudo-differential
or differential multiplexer mode where V
REF
+ and V
REF− are
placed within the V
+ and V− range, the individual values of
V
REF
+ and V
REF
− do not matter, only the difference sets the
analog input voltage span. This completes the adjustment
procedure.
2.5 INPUT SAMPLE-AND-HOLD
The ADC10154/8’s sample/hold capacitor is implemented in
the capacitor array. After the channel address is loaded, the
array is switched to sample the selected positive analog
input. The rising edge of WR loads the multiplexer address-
ing information. The sampling period for the assigned posi-
tive input is maintained for the duration of the acquisition
time (t
A), i.e., approximately 6 to 8 clock cycles after the
rising edge of WR.
An acquisition window of 6 clock cycles is available to allow
the voltage on the capacitor array to settle to the positive
analog input voltage. Any change in the analog voltage on a
selected positive input before or after the acquisition window
will not effect the A/D conversion result.
In the simplest case, the array’s acquisition time is deter-
mined by the R
ON (9 kΩ) of the multiplexer switches, the
stray input capacitance C
S1 (3.5 pF) and the total array (CL)
and stray (C
S2) capacitance (CL +CS2 = 48 pF). For a large
source resistance the analog input can be modeled as an
RC network as shown in
Figure 6. The values shown yield an
acquisition time of about 1.1 µs for 10-bit unipolar or 10-bit
plus sign bipolar accuracy with a zero-to-full-scale change in
the input voltage. External source resistance and capaci-
tance will lengthen the acquisition time and should be ac-
counted for. Slowing the clock will lengthen the acquisition
time, thereby allowing a larger external source resistance.
The curve “Signal to Noise Ratio vs. Output Frequency”
(
Figure 7) gives an indication of the usable bandwidth of the
ADC10154/ADC10158. The signal-to-noise ratio of an ideal
A/D is the ratio of the RMS value of the full scale input signal
amplitude to the value of the total error amplitude (including
noise) caused by the transfer function of the A/D. An ideal
10-bit plus sign A/D converter with a total unadjusted error of
0 LSB would have a signal-to-noise ratio of about 68 dB,
which can be derived from the equation:
S/N = 6.02(n) + 1.76
where S/N is in dB and n is the number of bits.
Figure 3
shows the signal-to-noise ratio vs. input frequency of a typi-
cal ADC10154/ADC10158 with 1⁄2 LSB total unadjusted er-
ror. The dotted lines show signal-to-noise ratios for an ideal
(noiseless) 10-bit A/D with 0 LSB error and an A/D with a 1
LSB error.
DS011225-23
FIGURE 6. Analog Input Model
SNR vs Input Frequency
DS011225-24
FIGURE 7. ADC10154/ADC10158
Signal-to-Noise Ratio vs Input Frequency
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com