Electronic Components Datasheet Search
  English  ▼

X  

BC237 Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BC237
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BC237 Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BC237 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BC237 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
Base-emitter saturation voltage
VBE(sat)
IC=10mA, IB=0.5mA
IC=100mA,IB=5mA
0.83
1.05
V
Base-emitter voltage
VBE
VCE=5V, IC=0.1mA
VCE=5V, IC=2mA
VCE=5V, IC=100mA
0.55
0.5
0.62
0.83
0.7
V
Transition frequency
fT
VCE=3V,IC=0.5mA,f=100MHz BC237
BC238
BC239
VCE=5V,IC=10mA,f=100MHz BC237
BC238
BC239
150
150
150
100
120
140
200
240
280
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
4.5
pF
Emitter-base capacitance
Cib
VEB=0.5V, IC=0, f=1MHz
8
Pf
Noise figure
NF
VCE=5V, Ic=0.2mA,
f=
1kHZ, Rs=2KΩ
BC239
VCE=5V, Ic=0.2mA,
f=
1kHZ, Rs=2KΩ, ∆f=200Hz BC237
BC238
BC239
2
2
2
2
4
10
10
4
dB
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com