Electronic Components Datasheet Search
  English  ▼

X  

AME385AEAS Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AME385AEAS
Description  Micropower Voltage Reference Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME385AEAS Datasheet(HTML) 3 Page - Analog Microelectronics

  AME385AEAS Datasheet HTML 1Page - Analog Microelectronics AME385AEAS Datasheet HTML 2Page - Analog Microelectronics AME385AEAS Datasheet HTML 3Page - Analog Microelectronics AME385AEAS Datasheet HTML 4Page - Analog Microelectronics AME385AEAS Datasheet HTML 5Page - Analog Microelectronics AME385AEAS Datasheet HTML 6Page - Analog Microelectronics AME385AEAS Datasheet HTML 7Page - Analog Microelectronics AME385AEAS Datasheet HTML 8Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Analog Microelectronics, Inc.
3
AME385-1.2
Micropower Voltage Reference Diode
n
n
n
n
n Absolute Maximum Ratings
n
n
n
n
n Recommended Operating Conditions
n
n
n
n
n Thermal Information
Caution: Stress above the listed absolute rating may cause permanent damage to the device
Pa rame te r
Maximum
Unit
Supply Current
50
mA
Para meter
Rating
Unit
Supply Current
100
µA ~ 20mA
Ambient Temperature Range
-40 to +85
oC
Junction Temperature
-40 to +125
oC
M axi m u m
U n i t
S O T-23
325
TO -9 2
180
S O -8
125
M ax im u m Junc tion Te m p erature
150
o C
M ax im u m Lead Te m perature ( 10 S e c )
300
o C
Pa ra m e te r
o C / W
Therm a l R e s is t anc e



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com