Electronic Components Datasheet Search
  English  ▼

X  

7D101K Datasheet(PDF) 32 Page - World Produts Inc.

Part # 7D101K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

7D101K Datasheet(HTML) 32 Page - World Produts Inc.

Back Button 7D101K Datasheet HTML 28Page - World Produts Inc. 7D101K Datasheet HTML 29Page - World Produts Inc. 7D101K Datasheet HTML 30Page - World Produts Inc. 7D101K Datasheet HTML 31Page - World Produts Inc. 7D101K Datasheet HTML 32Page - World Produts Inc. 7D101K Datasheet HTML 33Page - World Produts Inc. 7D101K Datasheet HTML 34Page - World Produts Inc. 7D101K Datasheet HTML 35Page - World Produts Inc. 7D101K Datasheet HTML 36Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
30 | Metal Oxide Varistors
VZ32 Series — Electrical Characteristics
Part
Number
Continuous
Rated
Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
10/1000µs
Joules
8/20µs
KAmps
Min
Volts
Max
Volts
Volts
Amps
pF
VZ32D201
130
175
210
30
185
225
340
200
4700
VZ32D221
140
180
240
30
198
242
360
200
4300
VZ32D241
150
200
250
30
216
264
395
200
4000
VZ32D271
180
230
260
30
255
311
455
200
3500
VZ32D331
210
275
310
30
297
363
550
200
3000
VZ32D361
230
300
330
30
324
396
595
200
2800
VZ32D391
250
330
360
30
351
429
650
200
2500
VZ32D431
275
370
400
30
387
473
710
200
2200
VZ32D471
300
385
405
30
423
517
775
200
2000
VZ32D511
320
420
440
30
459
561
840
200
1900
VZ32D561
360
470
500
30
522
638
910
200
1700
VZ32D621
390
505
550
30
558
682
1025
200
1600
VZ32D681
420
560
600
30
612
748
1120
200
1500
VZ32D751
460
615
600
30
675
825
1240
200
1400
VZ32D781
485
640
600
30
702
858
1290
200
1300
VZ32D821
510
675
600
30
738
902
1355
200
1200
VZ32D911
550
745
630
30
819
1001
1500
200
1150
VZ32D951
575
765
660
30
855
1045
1570
200
1100
VZ32D102
625
825
690
30
900
1100
1650
200
1000
VZ32D112
680
895
770
30
957 .6
1170 .4
1815
200
900
VZ32D122
750
970
810
30
1062
1300
1980
200
800
VZ32D152
880
1150
860
30
1350
1650
2640
200
680
Part Number Suffix Code
(ie: VZ32D201KR)
• K - Straight Lead
• KL - Straight Lead - Left Side Lead Orientation
• KQ - 90° Bend Lead
• KR - Uncoated Disk - Without Leads
• KF - Uncoated Disk - With Leads
• KN - Uncoated Disk - With one Lead only, Right side orientation
• KNL - Uncoated Disk - With one Lead only, Left side orientation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com