Electronic Components Datasheet Search
  English  ▼

X  

7D121K Datasheet(PDF) 14 Page - World Produts Inc.

Part # 7D121K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

7D121K Datasheet(HTML) 14 Page - World Produts Inc.

Back Button 7D121K Datasheet HTML 10Page - World Produts Inc. 7D121K Datasheet HTML 11Page - World Produts Inc. 7D121K Datasheet HTML 12Page - World Produts Inc. 7D121K Datasheet HTML 13Page - World Produts Inc. 7D121K Datasheet HTML 14Page - World Produts Inc. 7D121K Datasheet HTML 15Page - World Produts Inc. 7D121K Datasheet HTML 16Page - World Produts Inc. 7D121K Datasheet HTML 17Page - World Produts Inc. 7D121K Datasheet HTML 18Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
12 | Metal Oxide Varistors
Standard Dimensions and Lead Modification Options (continued)
E Max Dimensions (For Standard Epoxy)
Dimensions are in mm (inches)
5E High Energy Series
Style
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
Style
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
5E820K
3 .4 ( .13)
1 .2 ( .05)
5E331K
4 .1 ( .16)
2 .4 ( .094)
5E181K
3 .5 ( .138)
1 .5 ( .06)
5E361K
4 .4 ( .17)
2 .5 ( .1)
5E201K
3 .6 ( .14)
1 .6 ( .063)
5E391K
4 .5 ( .18)
2 .7 ( .1)
5E221K
3 .6 ( .14)
1 .6 ( .063)
5E431K
4 .7 ( .185)
2 .9 ( .11)
5E241K
3 .7 ( .145)
1 .8 ( .07)
5E471K
4 .9 ( .19)
3 .6 ( .14)
5E271K
3 .8 ( .15)
2 .0 ( .08)
7E High Energy Series
Style
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
Style
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
7E820K
3 .4 ( .13)
1 .2 ( .05)
7E331K
4 .1 ( .16)
2 .4 ( .094)
7E181K
3 .5 ( .138)
1 .5 ( .06)
7E361K
4 .4 ( .17)
2 .5 ( .1)
7E201K
3 .6 ( .14)
1 .6 ( .063)
7E391K
4 .5 ( .18)
2 .7 ( .1)
7E221K
3 .6 ( .14)
1 .6 ( .063)
7E431K
4 .7 ( .185)
2 .9 ( .11)
7E241K
3 .7 ( .145)
1 .8 ( .07)
7E471K
4 .9 ( .19)
3 .6 ( .14)
7E271K
3 .8 ( .15)
2 .0 ( .08)
10E High Energy Series
Style
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
Style
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
10E820K
3 .8 ( .15)
1 .4 ( .055)
10E361K
4 .9 ( .19)
2 .7 ( .1)
10E181K
4 .2 ( .165)
1 .8 ( .07)
10E391K
5 .0 ( .2)
2 .9 ( .11)
10E201K
4 .2 ( .165)
1 .8 ( .07)
10E431K
5 .2 ( .2)
3 .1 ( .12)
10E221K
4 .1 ( .16)
1 .8 ( .07)
10E471K
5 .4 ( .21)
3 .6 ( .14)
10E241K
4 .2 ( .165)
2 .0 ( .08)
10E511K
5 .5 ( .22)
*3 .4 ( .13)
10E271K
4 .3 ( .17)
2 .2 ( .087)
10E561K
5 .8 ( .23)
*3 .5 ( .138)
10E331K
4 .6 ( .18)
2 .5 ( .1)
10E821K
7 .1 ( .28)
*5 .4 ( .2)
* Bulk parts for 320VAC and larger come standard with inline crimp (as referenced at beginning of “Standard Dimensions and Lead Modification
Options” section ) for straight disk seating on PC boards . Therefore, “a” dimension is not applicable . If 320VAC and larger size are required without
in-line crimp, please reference “Part Number System” position # (8) and add “N” and reference “a” dimensions (for off-set) above .
** For suffix “V” (Extremely High Energy Type) add 0 .1 (0 .004) to “E Max .”
E max
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com