Electronic Components Datasheet Search
  English  ▼

X  

ILA02 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ILA02
Description  Low Profile and High Efficient 868 MHz ISM Band Loop Antenna
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ILA02 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ILA02 Datasheet HTML 1Page - List of Unclassifed Manufacturers ILA02 Datasheet HTML 2Page - List of Unclassifed Manufacturers ILA02 Datasheet HTML 3Page - List of Unclassifed Manufacturers ILA02 Datasheet HTML 4Page - List of Unclassifed Manufacturers ILA02 Datasheet HTML 5Page - List of Unclassifed Manufacturers ILA02 Datasheet HTML 6Page - List of Unclassifed Manufacturers ILA02 Datasheet HTML 7Page - List of Unclassifed Manufacturers ILA02 Datasheet HTML 8Page - List of Unclassifed Manufacturers ILA02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SPE-12-8-080/B/RC
Page 1 of 11
SPECIFICATION
Part Number
:
ILA.02
Product Name
:
Low Profile and High Efficient 868 MHz ISM Band Loop Antenna
Features
:
Small size antenna, low profile and high efficiency
868 MHz ISM Band
1 dBi Peak Gain
10x3.2x0.5 mm size
SMT Compatible
RoHS Compliant


Similar Part No. - ILA02

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
ILA02 TAOGLAS-ILA02 Datasheet
986Kb / 12P
Low Profile and High Efficient 868 MHz ISM Band Loop Antenna
More results

Similar Description - ILA02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ILA01 ETC2-ILA01 Datasheet
779Kb / 12P
Low Profile and High Efficient 915 MHz ISM Band Loop Antenna
IS04B301111 ETC2-IS04B301111 Datasheet
873Kb / 17P
868 MHz Hercules ISM Band Antenna Screw-mount
logo
Pulse A Technitrol Comp...
W3013 PULSE-W3013 Datasheet
1Mb / 5P
ISM 868 MHz Ceramic Antenna
logo
Unictron Technologies C...
H2U64U1H2B0200 UNICTRON-H2U64U1H2B0200 Datasheet
824Kb / 16P
ISM 868 MHz Ceramic Chip Antenna
logo
Taoglas antenna solutio...
ILA01 TAOGLAS-ILA01 Datasheet
976Kb / 12P
Low Profile and High Efficiency 915 MHz ISM Band Loop Antenna
ILA02 TAOGLAS-ILA02 Datasheet
986Kb / 12P
Low Profile and High Efficient 868 MHz ISM Band Loop Antenna
logo
Molex Electronics Ltd.
2081420001 MOLEX-2081420001 Datasheet
43Kb / 1P
ISM 868/915MHz Ceramic Antenna, Low-Profile, SMT
logo
TE Connectivity Ltd
2195835-1 TEC-2195835-1 Datasheet
823Kb / 7P
ISM 868 / 915 MHz ANTENNA
2195849-1 TEC-2195849-1 Datasheet
798Kb / 7P
ISM 868 / 915 MHz ANTENNA
logo
Molex Electronics Ltd.
2081420001 MOLEX-2081420001_V01 Datasheet
43Kb / 1P
ISM 868/915MHz Ceramic Antenna, Low-Profile, SMT
12/15/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com