Electronic Components Datasheet Search
  English  ▼

X  

5D331K Datasheet(PDF) 54 Page - World Produts Inc.

Part # 5D331K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

5D331K Datasheet(HTML) 54 Page - World Produts Inc.

Back Button 5D331K Datasheet HTML 50Page - World Produts Inc. 5D331K Datasheet HTML 51Page - World Produts Inc. 5D331K Datasheet HTML 52Page - World Produts Inc. 5D331K Datasheet HTML 53Page - World Produts Inc. 5D331K Datasheet HTML 54Page - World Produts Inc. 5D331K Datasheet HTML 55Page - World Produts Inc. 5D331K Datasheet HTML 56Page - World Produts Inc. 5D331K Datasheet HTML 57Page - World Produts Inc. 5D331K Datasheet HTML 58Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
52 | Metal Oxide Varistors
Based on EIA-468-B Specifications .
P0
D0
Lx
W
W1
D
P
12 .7 0 .3
F
W2
W0
L
H1
d
1 .7 mm
Max
t
h
h
Straight Lead
T36 (Ammo Box) and T19 (Reel)
(7.5mm Lead Spacing)
Straight Lead
T7 (Ammo Box) and T18 (Reel)
(5mm Lead Spacing)
P0
P1
D0
Lx
W
W1
D
P2
P
F
W2
W0
L
H1
d
1 .7 mm
Max
t
h
h
P0
D0
Lx
W
W1
D
P
12 .7 0 .3
F
W2
W0
L
H1
A
d
1 .7 mm
Max
t
h
h
In-Line Crimp
T43 (Ammo Box) and T4 (Reel)
(7.5mm Lead Spacing)
In-Line Crimp
T15 (Ammo Box) and T38 (Reel)
(5mm Lead Spacing)
P0
P1
D0
Lx
W
W1
D
P2
P
F
W2
W0
L
H1
d
18
2
A
1 .7 mm
Max
t
h
h
10mm Taping Specifications (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com