Electronic Components Datasheet Search
  English  ▼

X  

5D511K Datasheet(PDF) 31 Page - World Produts Inc.

Part # 5D511K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

5D511K Datasheet(HTML) 31 Page - World Produts Inc.

Back Button 5D511K Datasheet HTML 27Page - World Produts Inc. 5D511K Datasheet HTML 28Page - World Produts Inc. 5D511K Datasheet HTML 29Page - World Produts Inc. 5D511K Datasheet HTML 30Page - World Produts Inc. 5D511K Datasheet HTML 31Page - World Produts Inc. 5D511K Datasheet HTML 32Page - World Produts Inc. 5D511K Datasheet HTML 33Page - World Produts Inc. 5D511K Datasheet HTML 34Page - World Produts Inc. 5D511K Datasheet HTML 35Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
Metal Oxide Varistors | 29
VZ32KW (Wire Lead) Series — Electrical Characteristics
Part
Number
Continuous Rated
Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
10/1000µs
Joules
8/20µs
KAmps
Min
Volts
Max
Volts
Volts
Amps
pF
VZ32D201KW
130
175
210
25
184
224
340
200
4700
VZ32D221KW
140
180
235
25
198
242
360
200
4300
VZ32D241KW
150
200
240
25
216
264
395
200
4000
VZ32D271KW
180
230
255
25
255
311
455
200
3500
VZ32D331KW
210
275
300
25
297
363
550
200
3000
VZ32D361KW
230
300
325
25
324
396
595
200
2800
VZ32D391KW
250
330
350
25
351
429
650
200
2500
VZ32D431KW
275
370
380
25
387
473
710
200
2200
VZ32D471KW
300
385
400
25
423
517
775
200
2000
VZ32D511KW
320
420
430
25
459
561
840
200
1900
VZ32D561KW
360
470
480
25
522
638
910
200
1700
VZ32D621KW
390
505
500
25
558
682
1025
200
1600
VZ32D681KW
420
560
525
25
612
748
1120
200
1500
VZ32D751KW
460
615
540
25
675
825
1240
200
1400
VZ32D781KW
485
640
550
25
702
858
1290
200
1300
VZ32D821KW
510
675
580
25
738
902
1355
200
1200
VZ32D911KW
550
745
620
25
819
1001
1500
200
1150
VZ32D951KW
575
765
650
25
855
1045
1570
200
1100
VZ32D102KW
625
825
680
25
900
1100
1650
200
1000
VZ32D112KW
680
895
760
25
957 .6
1170 .4
1815
200
900
VZ32D122KW
750
970
790
25
1062
1300
1980
200
800
VZ32D152KW
880
1150
850
25
1350
1650
2640
200
680



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com