Electronic Components Datasheet Search
  English  ▼

X  

AME41AEAT Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME41AEAT
Description  Micropower Voltage Reference Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME41AEAT Datasheet(HTML) 5 Page - Analog Microelectronics

  AME41AEAT Datasheet HTML 1Page - Analog Microelectronics AME41AEAT Datasheet HTML 2Page - Analog Microelectronics AME41AEAT Datasheet HTML 3Page - Analog Microelectronics AME41AEAT Datasheet HTML 4Page - Analog Microelectronics AME41AEAT Datasheet HTML 5Page - Analog Microelectronics AME41AEAT Datasheet HTML 6Page - Analog Microelectronics AME41AEAT Datasheet HTML 7Page - Analog Microelectronics AME41AEAT Datasheet HTML 8Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Analog Microelectronics, Inc.
5
AME41-1.2
Micropower Voltage Reference Diode
VR
VIN
5V/DIV
0.5V/DIV
25
oC
85oC
25oC
1
µA
100
µA
10mA
0.125V/div
0.0V
1.0V
Reverse Characteristic
25oC
85oC
0.0V
0.65V
1.3V
VR
100
µA
10
µA
1
µA
100nA
I R
25oC
85oC
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
-50
0
50
100
150
Normalized Percentage Change vs.
Temperature
( OC)
I = 100
µA
VR
V IN
5V /D IV
0.5V /D IV
25
o
C
Transient Response
200
µS/DIV
Output Voltage Change vs. Current
Forward Characteristic



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com