Electronic Components Datasheet Search
  English  ▼

X  

AME811 Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AME811
Description  3-1/2 Digit A/D Converter - Low Power With HOLD And Differential Reference Inputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME811 Datasheet(HTML) 2 Page - Analog Microelectronics

  AME811 Datasheet HTML 1Page - Analog Microelectronics AME811 Datasheet HTML 2Page - Analog Microelectronics AME811 Datasheet HTML 3Page - Analog Microelectronics AME811 Datasheet HTML 4Page - Analog Microelectronics AME811 Datasheet HTML 5Page - Analog Microelectronics AME811 Datasheet HTML 6Page - Analog Microelectronics AME811 Datasheet HTML 7Page - Analog Microelectronics AME811 Datasheet HTML 8Page - Analog Microelectronics AME811 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Analog Microelectronics, Inc.
2
AME811/AME811A/AME811R
3-1/2 Digit A/D Converter - Low Power
With HOLD And Differential Reference Inputs
n
n
n
n
n Absolute Maximum Ratings
AME811
Static sensitive device. Unused devices must be stored in the conductive material.
Protect device from static discharge and static field. Stresses exceed the above Absolute Maximum
Ratings may cause permanent damage to the device. Exposure to Absolute Maximum Rating Conditions
for extended periods may affect the reliability of the device.
n
n
n
n
n Ordering Information
Supply V oltage (V+ to V-)
12V
Analog Input V oltage (Either inputs)
V+ to V-
Reference Input V oltage (Either inputs)
V+ to V-
Clock Input
Test to V +
Power Dis sipation
800m W
Operating Tem perature
0
oC to 70oC
Storage Tem perature
-55
oC to 150oC
Lead Tem perature (S oldering 60 seconds )
300
oC
Part Number
Display
Marking
Package
Pin Layout
Temp.Range
AME811CPL
LCD
AME811CPL
YYWW
40 Pin PDIP
Normal
0
oC to 70oC
AME811RCPL
LCD
AME811RCPL
YYWW
40 Pin PDIP
Reverse
0
oC to 70oC
AME811ACKW
LCD
AME811ACKW
YYWW
44 Pin PQFP
Normal
0
oC to 70oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com