Electronic Components Datasheet Search
  English  ▼

X  

AME1084BCCS Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME1084BCCS
Description  5A Low Dropout Positive Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1084BCCS Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME1084BCCS Datasheet HTML 7Page - Analog Microelectronics AME1084BCCS Datasheet HTML 8Page - Analog Microelectronics AME1084BCCS Datasheet HTML 9Page - Analog Microelectronics AME1084BCCS Datasheet HTML 10Page - Analog Microelectronics AME1084BCCS Datasheet HTML 11Page - Analog Microelectronics AME1084BCCS Datasheet HTML 12Page - Analog Microelectronics AME1084BCCS Datasheet HTML 13Page - Analog Microelectronics AME1084BCCS Datasheet HTML 14Page - Analog Microelectronics AME1084BCCS Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Analog Microelectronics, Inc.
11
AME1084
5A Low Dropout
Positive Voltage Regulator
n
n
n
n
n External Resistor Divider Table for Customized Voltage
R1(ohm)
100
102
105
107
110
113
115
118
121
124
Vout
1.25
0.000
0.000
0.000
0.000
0.000
0.000
0.000
0.000
0.000
0.000
1.30
3.984
4.063
4.182
4.262
4.381
4.500
4.579
4.698
4.817
4.936
1.35
7.968
8.127
8.365
8.524
8.761
8.999
9.158
9.396
9.633
9.871
1.40
11.95
12.19
12.55
12.79
13.14
13.50
13.74
14.09
14.45
14.81
1.45
15.94
16.25
16.73
17.05
17.52
18.00
18.32
18.79
19.27
19.74
1.50
19.92
20.32
20.91
21.31
21.90
22.50
22.89
23.49
24.08
24.68
1.55
23.90
24.38
25.09
25.57
26.28
27.00
27.47
28.19
28.90
29.61
1.60
27.89
28.44
29.28
29.83
30.67
31.50
32.05
32.88
33.72
34.55
1.65
31.87
32.51
33.46
34.09
35.05
36.00
36.63
37.58
38.53
39.48
1.70
35.86
36.57
37.64
38.36
39.43
40.50
41.21
42.28
43.35
44.42
1.75
39.84
40.63
41.82
42.62
43.81
45.00
45.79
46.98
48.17
49.36
1.80
43.82
44.70
46.01
46.88
48.19
49.50
50.37
51.68
52.98
54.29
1.85
47.81
48.76
50.19
51.14
52.57
54.00
54.95
56.37
57.80
59.23
1.90
51.79
52.82
54.37
55.40
56.95
58.50
59.53
61.07
62.62
64.16
1.95
55.78
56.89
58.55
59.66
61.33
63.00
64.11
65.77
67.43
69.10
2.00
59.76
60.95
62.74
63.93
65.71
67.49
68.68
70.47
72.25
74.03
2.05
63.75
65.01
66.92
68.19
70.09
71.99
73.26
75.17
77.07
78.97
2.10
67.73
69.08
71.10
72.45
74.47
76.49
77.84
79.86
81.88
83.90
2.15
71.71
73.14
75.28
76.71
78.85
80.99
82.42
84.56
86.70
88.84
2.20
75.70
77.21
79.47
80.97
83.23
85.49
87.00
89.26
91.52
93.77
2.25
79.68
81.27
83.65
85.24
87.61
89.99
91.58
93.96
96.33
98.71
2.30
83.67
85.33
87.83
89.50
92.00
94.49
96.16
98.65
101.2
103.6
2.35
87.65
89.40
92.01
93.76
96.38
98.99
100.7
103.4
106.0
108.6
2.40
91.63
93.46
96.20
98.02
100.8
103.5
105.3
108.1
110.8
113.5
2.45
95.62
97.52
100.4
102.3
105.1
108.0
109.9
112.7
115.6
118.5
2.50
99.60
101.6
104.6
106.5
109.5
112.5
114.5
117.4
120.4
123.4
2.55
103.6
105.6
108.7
110.8
113.9
117.0
119.1
122.1
125.2
128.3
2.60
107.6
109.7
112.9
115.1
118.3
121.5
123.6
126.8
130.1
133.3
2.65
111.6
113.8
117.1
119.3
122.7
126.0
128.2
131.5
134.9
138.2
2.70
115.5
117.8
121.3
123.6
127.0
130.5
132.8
136.2
139.7
143.1
2.75
119.5
121.9
125.5
127.9
131.4
135.0
137.4
140.9
144.5
148.1
2.80
123.5
126.0
129.7
132.1
135.8
139.5
141.9
145.6
149.3
153.0
2.85
127.5
130.0
133.8
136.4
140.2
144.0
146.5
150.3
154.1
157.9
2.90
131.5
134.1
138.0
140.6
144.6
148.5
151.1
155.0
159.0
162.9
2.95
135.5
138.2
142.2
144.9
148.9
153.0
155.7
159.7
163.8
167.8
3.00
139.4
142.2
146.4
149.2
153.3
157.5
160.3
164.4
168.6
172.7
3.05
143.4
146.3
150.6
153.4
157.7
162.0
164.8
169.1
173.4
177.7
3.10
147.4
150.3
154.8
157.7
162.1
166.5
169.4
173.8
178.2
182.6
R2(ohm)=(Vout-1.25)*R1/(1.25+50u*R1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com