Electronic Components Datasheet Search
  English  ▼

X  

AME1084CCCS Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AME1084CCCS
Description  5A Low Dropout Positive Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1084CCCS Datasheet(HTML) 4 Page - Analog Microelectronics

  AME1084CCCS Datasheet HTML 1Page - Analog Microelectronics AME1084CCCS Datasheet HTML 2Page - Analog Microelectronics AME1084CCCS Datasheet HTML 3Page - Analog Microelectronics AME1084CCCS Datasheet HTML 4Page - Analog Microelectronics AME1084CCCS Datasheet HTML 5Page - Analog Microelectronics AME1084CCCS Datasheet HTML 6Page - Analog Microelectronics AME1084CCCS Datasheet HTML 7Page - Analog Microelectronics AME1084CCCS Datasheet HTML 8Page - Analog Microelectronics AME1084CCCS Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Analog Microelectronics, Inc.
4
AME1084
5A Low Dropout
Positive Voltage Regulator
n
n
n
n
n Absolute Maximum Ratings
Symbol
Maximum
Unit
VIN
7V
TO-220
3
TO-252
5
TO-263
3
TO-220
50
TO-252
90
TO-263
50
Operating Junction Temperature Range
TJ
0 to 125
Storage Temperature Range
TSTG
-65 to 150
Lead Temperature (10 sec)
TLEAD
260
Parameter
Input Voltage
oC
Thermal Resistance (Junction to Case)
Thermal Resistance (Junction to Ambient)
θJC
θJA
oC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com