Electronic Components Datasheet Search
  English  ▼

X  

A7986A Datasheet(PDF) 1 Page - STMicroelectronics

Part # A7986A
Description  3 A step-down switching regulator for automotive applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7986A Datasheet(HTML) 1 Page - STMicroelectronics

  A7986A Datasheet HTML 1Page - STMicroelectronics A7986A Datasheet HTML 2Page - STMicroelectronics A7986A Datasheet HTML 3Page - STMicroelectronics A7986A Datasheet HTML 4Page - STMicroelectronics A7986A Datasheet HTML 5Page - STMicroelectronics A7986A Datasheet HTML 6Page - STMicroelectronics A7986A Datasheet HTML 7Page - STMicroelectronics A7986A Datasheet HTML 8Page - STMicroelectronics A7986A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
This is information on a product in full production.
August 2013
DocID022801 Rev 5
1/42
42
A7986A
3 A step-down switching regulator for automotive applications
Datasheet
- production data
Features
• Qualified following AEC-Q100 requirements
• 3 A DC output current
• 4.5 V to 38 V input voltage
• Output voltage adjustable from 0.6 V
• 250 kHz switching frequency, programmable
up to 1 MHz
• Internal soft-start and enable
• Low dropout operation: 100% duty cycle
• Voltage feed-forward
• Zero load current operation
• Overcurrent and thermal protection
• HSOP8 package
Applications
• Dedicated to automotive applications
• Automotive LED driving
Description
The A7986A is a step-down switching regulator
with a 3.7 A (min.) current limited embedded
power MOSFET, so it is able to deliver up to 3 A
current to the load depending on the application
conditions.
The input voltage can range from 4.5 V to 38 V,
while the output voltage can be set starting from
0.6 V to VIN.
Requiring a minimum set of external components,
the device includes an internal 250 kHz switching
frequency oscillator that can be externally
adjusted up to 1 MHz.
The HSOP8 package with exposed pad allows
the reduction of Rth(JA) down to 40 °C/W.
Figure 1. Application circuit
HSOP8 exposed pad
www.st.com


Similar Part No. - A7986A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A798 ETC1-A798 Datasheet
192Kb / 3P
TRANSISTOR
logo
STMicroelectronics
A7985A STMICROELECTRONICS-A7985A Datasheet
1Mb / 44P
2 A step-down switching regulator for automotive applications
17-Mar-2014
A7985ATR STMICROELECTRONICS-A7985ATR Datasheet
1Mb / 44P
2 A step-down switching regulator for automotive applications
17-Mar-2014
A7987 STMICROELECTRONICS-A7987 Datasheet
2Mb / 36P
61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
22-Sep-2020
A7987TR STMICROELECTRONICS-A7987TR Datasheet
2Mb / 36P
61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
22-Sep-2020
More results

Similar Description - A7986A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
B5973D STMICROELECTRONICS-B5973D Datasheet
781Kb / 12P
2 A step down switching regulator for automotive applications
14-Jan-2008
A5973AD STMICROELECTRONICS-A5973AD Datasheet
1Mb / 19P
Up to 1.5 A step down switching regulator for automotive applications
02-May-2008
A5970D STMICROELECTRONICS-A5970D_08 Datasheet
716Kb / 13P
Up to 1 A step down switching regulator for automotive applications
27-Aug-2008
A5972D_0808 STMICROELECTRONICS-A5972D_0808 Datasheet
641Kb / 11P
Up to 1.5 A step down switching regulator for automotive applications
27-Aug-2008
A5973AD_0808 STMICROELECTRONICS-A5973AD_0808 Datasheet
1Mb / 19P
Up to 1.5 A step down switching regulator for automotive applications
27-Aug-2008
A5973D_0808 STMICROELECTRONICS-A5973D_0808 Datasheet
779Kb / 12P
Up to 2 A step down switching regulator for automotive applications
29-Aug-2008
B5973D_0808 STMICROELECTRONICS-B5973D_0808 Datasheet
768Kb / 12P
2 A step down switching regulator for automotive applications
27-Aug-2008
A5970D013TR STMICROELECTRONICS-A5970D013TR Datasheet
1Mb / 41P
Up to 1 A step down switching regulator for automotive applications
03-Nov-2009
A7985ATR STMICROELECTRONICS-A7985ATR Datasheet
1Mb / 44P
2 A step-down switching regulator for automotive applications
17-Mar-2014
R7986A STMICROELECTRONICS-R7986A Datasheet
909Kb / 37P
3 A step-down switching regulator for aerospace applications
06-Oct-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com