Electronic Components Datasheet Search
  English  ▼

X  

BD680 Datasheet(PDF) 5 Page - STMicroelectronics

Part # BD680
Description  Complementary power Darlington transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD680 Datasheet(HTML) 5 Page - STMicroelectronics

  BD680 Datasheet HTML 1Page - STMicroelectronics BD680 Datasheet HTML 2Page - STMicroelectronics BD680 Datasheet HTML 3Page - STMicroelectronics BD680 Datasheet HTML 4Page - STMicroelectronics BD680 Datasheet HTML 5Page - STMicroelectronics BD680 Datasheet HTML 6Page - STMicroelectronics BD680 Datasheet HTML 7Page - STMicroelectronics BD680 Datasheet HTML 8Page - STMicroelectronics BD680 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BD6xxx
Electrical characteristics
5/12
Note:
For PNP types voltage e current values are negative.
hFE
(1)
DC current gain
for BD677, BD678,
BD679, BD680, BD681,
BD682
IC = 1.5 A_ _
VCE = 3 V
750
for BD677A, BD678A,
BD679A, BD680A
IC = 2 A_
_
VCE = 3 V
1.
Pulsed duration = 300 ms, duty cycle
≥1.5%.
Table 3.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com