Electronic Components Datasheet Search
  English  ▼

X  

2SC5087 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 2SC5087
Description  VHF~UHF Band Low Noise Amplifier Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5087 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  2SC5087 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5087 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5087 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5087 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5087 Datasheet HTML 5Page - Toshiba Semiconductor 2SC5087 Datasheet HTML 6Page - Toshiba Semiconductor 2SC5087 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2SC5087
2007-11-01
5
S11e
VCE = 10 V
IC = 5 mA
Ta
= 25°C
(Unit:
Ω)
S21e
VCE = 10 V
IC = 5 mA
Ta
= 25°C
S12e
VCE = 10 V
IC = 5 mA
Ta
= 25°C
S22e
VCE = 10 V
IC = 5 mA
Ta
= 25°C
(Unit:
Ω)
60
°
90
°
30
°
0
°
−30°
−60°
−90°
−120°
−150°
±180°
120
°
150
°
0.08
0.12
0.16
0.20
0.04
0.08
0.12
0.16
0.04
0.20
0
f = 0.2 GHz
0.4
0.8
1.2
1.6
2.0
0
25
10
100
250
−j10
−j25
−j100
−j50
−j150
−j250
j250
j150
j100
j50
j10
j25
50
f = 0.2 GHz
0.8
0.4
2.0
1.6
1.2
0
25
10
100
250
−j10
−j25
−j100
−j50
−j150
−j250
j250
j150
j100
j50
j10
j25
50
f = 0.2 GHz
0.4
2.0
1.6
1.2
0.8
60
°
90
°
30
°
0
°
−30°
−60°
−90°
−120°
−150°
±180°
120
°
150
°
2
12
16
16
12
8
4
0
8
1.2
0.8
f = 0.2 GHz
0.4
2.0
1.6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com