Electronic Components Datasheet Search
  English  ▼

X  

BZW50-18 Datasheet(PDF) 5 Page - STMicroelectronics

Part # BZW50-18
Description  Transil, transient voltage surge suppressor (TVS)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZW50-18 Datasheet(HTML) 5 Page - STMicroelectronics

  BZW50-18 Datasheet HTML 1Page - STMicroelectronics BZW50-18 Datasheet HTML 2Page - STMicroelectronics BZW50-18 Datasheet HTML 3Page - STMicroelectronics BZW50-18 Datasheet HTML 4Page - STMicroelectronics BZW50-18 Datasheet HTML 5Page - STMicroelectronics BZW50-18 Datasheet HTML 6Page - STMicroelectronics BZW50-18 Datasheet HTML 7Page - STMicroelectronics BZW50-18 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BZW50
Ordering information scheme
Doc ID 2973 Rev 5
5/8
2
Ordering information scheme
Figure 11.
Ordering information scheme
Figure 9.
Transient thermal impedance
junction to ambient vs. pulse
duration
Figure 10.
Relative variation of leakage
current vs. junction temperature
0.01
0.1
1
10
100
1000
1
10
100
Zth (j-a) (°C/W)
t (s)
p
BZW
50
10
CA
RL
Transil
Peak Pulse Power
Breakdown Voltage
Packaging
50 = 5000 W
100 = 100 V
Blank = Ammopack tape
RL = Tape and reel
Types
A = Unidirectional
CA = Bidirectional



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com