Electronic Components Datasheet Search
  English  ▼

X  

20D301K Datasheet(PDF) 19 Page - World Produts Inc.

Part # 20D301K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

20D301K Datasheet(HTML) 19 Page - World Produts Inc.

Back Button 20D301K Datasheet HTML 15Page - World Produts Inc. 20D301K Datasheet HTML 16Page - World Produts Inc. 20D301K Datasheet HTML 17Page - World Produts Inc. 20D301K Datasheet HTML 18Page - World Produts Inc. 20D301K Datasheet HTML 19Page - World Produts Inc. 20D301K Datasheet HTML 20Page - World Produts Inc. 20D301K Datasheet HTML 21Page - World Produts Inc. 20D301K Datasheet HTML 22Page - World Produts Inc. 20D301K Datasheet HTML 23Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
Metal Oxide Varistors | 17
Standard Dimensions and Lead Modification Options (continued)
E Max Dimensions (For Phenolic Coating)
Dimensions are in mm (inches)
18E High Energy Series
Style
E Max mm (in)
Off-set Dimension
(a) ±1 (±0.04) mm (in)
Style
E Max mm (in)
Off-set Dimension
(a) ±1 (±0.04) mm (in)
B
P
B
P
**18E820K
4 .5 ( .177)
5 .9 ( .23)
1 .5 ( .06)
**18E471K
6 .0 ( .236)
7 .2 ( .28)
3 .9 ( .15)
**18E181K
5 .0 ( .196)
6 .4 ( .25)
1 .9 ( .075)
**18E511K
6 .2 ( .24)
7 .4 ( .29)
*3 .4 ( .13)
**18E201K
5 .0 ( .196)
6 .4 ( .25)
1 .9 ( .075)
**18E561K
6 .5 ( .256)
7 .7 ( .3)
*3 .8 ( .15)
**18E221K
5 .3 ( .21)
6 .4 ( .25)
1 .9 ( .075)
**18E621K
6 .7 ( .26)
7 .9 ( .31)
*3 .2 ( .13)
**18E241K
5 .5 ( .216)
6 .4 ( .25)
2 .0 ( .08)
**18E681K
6 .9 ( .27)
8 .1 ( .32)
*3 .3 ( .13)
**18E271K
5 .6 ( .22)
6 .4 ( .25)
2 .2 ( .08)
**18E751K
7 .2 ( .28)
8 .4 ( .33)
*3 .5 (1 .4)
**18E301K
5 .7 ( .22)
6 .6 ( .26)
2 .3 ( .09)
**18E781K
7 .5 ( .3)
8 .5 ( .33)
*3 .7 ( .15)
**18E331K
5 .7 ( .22)
6 .6 ( .26)
2 .7 ( .11)
**18E821K
7 .7 ( .3)
8 .7 ( .34)
*5 .5 ( .22)
**18E361K
5 .7 ( .22)
6 .6 ( .26)
2 .8 ( .11)
**18E911K
8 .1 ( .32)
9 .1 ( .36)
*4 .1 ( .16)
**18E391K
5 .8 ( .23)
6 .9 ( .27)
3 .0 ( .12)
**18E102K
8 .5 ( .33)
9 .5 ( .37)
*4 .4 ( .18)
**18E431K
5 .9 ( .23)
7 .0 ( .275)
3 .2 ( .126)
**18E112K
9 .0 ( .35)
10 ( .39)
*4 .8 ( .19)
* Bulk parts for 320VAC and larger come standard with inline crimp (as referenced at beginning of “Standard Dimensions and Lead Modification
Options” section ) for straight disk seating on PC boards . Therefore, “a” dimension is not applicable . If 320VAC and larger size are required without
in-line crimp, please reference “Part Number System” position # (8) and add “N” and reference “a” dimensions (for off-set) above .
** For suffix “V” (Extremely High Energy Type) add 0 .1 (0 .004) to “E Max .”
E max
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com