Electronic Components Datasheet Search
  English  ▼

X  

CD00191174 Datasheet(PDF) 108 Page - STMicroelectronics

Part # CD00191174
Description  High-density access line, ARM-based 32-bit MCU
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CD00191174 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button CD00191174 Datasheet HTML 104Page - STMicroelectronics CD00191174 Datasheet HTML 105Page - STMicroelectronics CD00191174 Datasheet HTML 106Page - STMicroelectronics CD00191174 Datasheet HTML 107Page - STMicroelectronics CD00191174 Datasheet HTML 108Page - STMicroelectronics CD00191174 Datasheet HTML 109Page - STMicroelectronics CD00191174 Datasheet HTML 110Page - STMicroelectronics CD00191174 Datasheet HTML 111Page - STMicroelectronics CD00191174 Datasheet HTML 112Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 108 / 112 page
background image
Revision history
STM32F101xC, STM32F101xD, STM32F101xE
108/112
Doc ID 14610 Rev 8
12-Dec-2008
4
General-purpose timers (TIMx) on page 19 updated. Table 3:
STM32F101xx family updated to show the low-density family.
Table 4: Timer feature comparison added
Figure 1: STM32F101xC, STM32F101xD and STM32F101xE access
line block diagram updated.
Note 9 added, main function after reset and Note 5 updated in Table 5:
High-density STM32F101xx pin definitions.
Note 2 modified below Table 7: Voltage characteristics on page 36,
|
ΔV
DDx| min and |ΔVDDx| min removed.
Measurement conditions specified in Section 5.3.5: Supply current
characteristics on page 40.
General input/output characteristics on page 80 modified.
Max values at TA = 85 °C updated in Table 17: Typical and maximum
current consumptions in Stop and Standby modes on page 43.
Section 5.3.10: FSMC characteristics on page 57 revised.
Values added to Table 42: EMI characteristics on page 78.
IVREF added to Table 55: ADC characteristics on page 93.
Table 64: Package thermal characteristics on page 104 updated.
Small text changes.
Table 66.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com