Electronic Components Datasheet Search
  English  ▼

X  

L6206PD013TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6206PD013TR
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206PD013TR Datasheet(HTML) 5 Page - STMicroelectronics

  L6206PD013TR Datasheet HTML 1Page - STMicroelectronics L6206PD013TR Datasheet HTML 2Page - STMicroelectronics L6206PD013TR Datasheet HTML 3Page - STMicroelectronics L6206PD013TR Datasheet HTML 4Page - STMicroelectronics L6206PD013TR Datasheet HTML 5Page - STMicroelectronics L6206PD013TR Datasheet HTML 6Page - STMicroelectronics L6206PD013TR Datasheet HTML 7Page - STMicroelectronics L6206PD013TR Datasheet HTML 8Page - STMicroelectronics L6206PD013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/23
L6206
PACKAGE
Name
Type
Function
SO24/
PowerDIP24
PowerSO36
PIN #
PIN #
22
7
VCP
Output
Charge Pump Oscillator Output.
23
8
ENA
Logic Input
Bridge A Enable. LOW logic level switches OFF all Power
MOSFETs of Bridge A.
If not used, it has to be connected to +5V.
24
9
PROGCLA
R Pin
Bridge A Overcurrent Level Programming. A resistor
connected between this pin and Ground sets the
programmable current limiting value for the bridge A. By
connecting this pin to Ground the maximum current is set.
This pin cannot be left non-connected.
ELECTRICAL CHARACTERISTICS
(Tamb = 25 °C, Vs = 48V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VSth(ON) Turn-on Threshold
6.6
7
7.4
V
VSth(OFF) Turn-off Threshold
5.6
6
6.4
V
IS
Quiescent Supply Current
All Bridges OFF;
Tj = -25°C to 125°C
(6)
510
mA
Tj(OFF)
Thermal Shutdown Temperature
165
°C
Output DMOS Transistors
RDS(ON) High-Side Switch ON Resistance Tj = 25 °C
0.34
0.4
Ω
Tj =125 °C
(6)
0.53
0.59
Ω
Low-Side Switch ON Resistance
Tj = 25 °C
0.28
0.34
Ω
Tj =125 °C
(6)
0.47
0.53
Ω
IDSS
Leakage Current
EN = Low; OUT = VS
2mA
EN = Low; OUT = GND
-0.15
mA
Source Drain Diodes
VSD
Forward ON Voltage
ISD = 2.8A, EN = LOW
1.15
1.3
V
trr
Reverse Recovery Time
If = 2.8A
300
ns
tfr
Forward Recovery Time
200
ns
Logic Input
VIL
Low level logic input voltage
-0.3
0.8
V
VIH
High level logic input voltage
2
7
V
IIL
Low Level Logic Input Current
GND Logic Input Voltage
-10
µA
PIN DESCRIPTION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com