Electronic Components Datasheet Search
  English  ▼

X  

TL026CDRE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TL026CDRE4
Description  DIFFERENTIAL HIGH-FREQUENCY AMPLIFIER WITH AGC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL026CDRE4 Datasheet(HTML) 2 Page - Texas Instruments

  TL026CDRE4 Datasheet HTML 1Page - Texas Instruments TL026CDRE4 Datasheet HTML 2Page - Texas Instruments TL026CDRE4 Datasheet HTML 3Page - Texas Instruments TL026CDRE4 Datasheet HTML 4Page - Texas Instruments TL026CDRE4 Datasheet HTML 5Page - Texas Instruments TL026CDRE4 Datasheet HTML 6Page - Texas Instruments TL026CDRE4 Datasheet HTML 7Page - Texas Instruments TL026CDRE4 Datasheet HTML 8Page - Texas Instruments TL026CDRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TL026C
DIFFERENTIAL HIGH-FREQUENCY AMPLIFIER WITH AGC
SLFS007A – JUNE 1985 – REVISED JULY 1990
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC +
3
6
8
V
Supply voltage, VCC –
– 3
– 6
– 8
V
Operating free-air temperature range, TA
0
70
°C
electrical characteristics at 25
°C operating free-air temperature, VCC+ = ±6 V, VAGC = 0, REF OUT pin
open (unless otherwise specified)
PARAMETER
FIGURE
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AVD
Large-signal differential voltage
amplification
1
VO(PP) = 3 V,
RL = 2 kΩ
65
85
105
V/V
∆AVD
Change in voltage amplification
1
VIPP = 28.5 mV,
RL = 2 kΩ,
VAGC – Vref = ±180 mV
– 50
dB
Vref
Voltage at REF OUT
Iref = – 1 mA to 100 µA
1.3
1.5
V
BW
Bandwidth (– 3 dB)
2
VO(PP) = 1 V,
VAGC – Vref = ±180 mV
50
MHz
IIO
Input offset current
0.4
5
µA
IIB
Input bias current
10
30
µA
VICR
Common-mode input voltage range
3
±1
V
VOC
Common-mode output voltage
1
RL = ∞
3.25
3.75
4.25
V
∆VOC
Change in common-mode output voltage
1
VAGC = 0 to 2 V, RL = ∞
300
mV
VOO
Output offset voltage
1
VID = 0,
RL = ∞
0.75
V
VO(PP)
Maximum peak-to-peak output voltage
swing
1
RL = 2 kΩ
3
4
V
ri
Input resistance at AGC, IN+, or IN –
10
30
k
Ω
ro
Output resistance
20
Ω
CMRR
Common mode rejection ratio
3
VIC = ±1 V,
f = 100 kHz
60
86
dB
CMRR
Common-mode rejection ratio
3
VIC = ±1 V,
f = 5 mHz
60
dB
kSVR
Supply voltage rejection ratio
(
∆VCC / ∆VIO)
4
∆VCC + = ± 0.5 V,
∆VCC – = ± 0.5 V
50
70
dB
Vn
Broadband equivalent noise voltage
4
BW = 1 kHz to 10 MHz
12
µV
tpd
Propagation delay time
2
∆VO = 1 V
6
10
ns
tr
Rise time
2
∆VO = 1 V
4.5
12
ns
Isink(max) Maximum output sink current
VID = 1 V,
VO = 3 V
3
4
mA
ICC
Supply current
No load,
No signal
22
27
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com