Electronic Components Datasheet Search
  English  ▼

X  

AD847JRZ Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AD847JRZ
Description  MICROCIRCUIT, LINEAR, HIGH SPEED, LOW POWER, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD847JRZ Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AD847JRZ Datasheet HTML 1Page - List of Unclassifed Manufacturers AD847JRZ Datasheet HTML 2Page - List of Unclassifed Manufacturers AD847JRZ Datasheet HTML 3Page - List of Unclassifed Manufacturers AD847JRZ Datasheet HTML 4Page - List of Unclassifed Manufacturers AD847JRZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AD847JRZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AD847JRZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AD847JRZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AD847JRZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-89647
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
2
DSCC FORM 2234
APR 97
1. SCOPE
1.1 Scope. This drawing describes device requirements for MIL-STD-883 compliant, non-JAN class level B microcircuits in
accordance with MIL-PRF-38535, appendix A.
1.2 Part or Identifying Number (PIN). The complete PIN is as shown in the following example:
5962-89647
01
P
X
Drawing number
Device type
(see 1.2.1)
Case outline
(see 1.2.2)
Lead finish
(see 1.2.3)
1.2.1 Device type(s). The device type(s) identify the circuit function as follows:
Device type
Generic number
Circuit function
01
AD847S
High speed, low power, operational amplifier
1.2.2 Case outline(s). The case outline(s) are as designated in MIL-STD-1835 and as follows:
Outline letter
Descriptive designator
Terminals
Package style
P
GDIP1-T8 or CDIP2-T8
8
Dual-in-line
1.2.3 Lead finish. The lead finish is as specified in MIL-PRF-38535, appendix A.
1.3 Absolute maximum ratings. (Unless otherwise specified, TA = +25C)
Positive supply voltage (+VS) ........................................................ +18 V dc
Negative supply voltage (-VS) ........................................................ -18 V dc
Differential input voltage ................................................................ ±6.0 V dc
Input common mode voltage ......................................................... ±VS
Junction temperature (TJ) .............................................................. +175C
Storage temperature range ............................................................ -65
C to +150C
Power dissipation (PD) .................................................................. 1.1 W 1/
Lead temperature (soldering, 10 seconds) .................................... +300
C
Thermal resistance, junction-to-case (
JC) ..................................... See MIL-STD-1835
Thermal resistance, junction-to-ambient (
JA
) ................................ 110
C/W
1.4 Recommended operating conditions.
Positive supply voltage range (+VS) ............................................... +4.5 V dc to +15 V dc
Negative supply voltage range (-VS) .............................................. -4.5 V dc to -15 V dc
Common mode input voltage (VCM) ............................................... ±12 V dc
Ambient operating temperature range(TA) ..................................... -55C to +125C
1/ Derate linearity above TA = +25C at 7.3 mW/C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com