Electronic Components Datasheet Search
  English  ▼

X  

NCP331 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP331
Description  Soft-Start Controlled Load Switch with Auto Discharge
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP331 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP331 Datasheet HTML 1Page - ON Semiconductor NCP331 Datasheet HTML 2Page - ON Semiconductor NCP331 Datasheet HTML 3Page - ON Semiconductor NCP331 Datasheet HTML 4Page - ON Semiconductor NCP331 Datasheet HTML 5Page - ON Semiconductor NCP331 Datasheet HTML 6Page - ON Semiconductor NCP331 Datasheet HTML 7Page - ON Semiconductor NCP331 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NCP331
http://onsemi.com
2
PIN FUNCTION DESCRIPTION
Pin Name
Pin Number
Type
Description
IN
5,6
POWER
Power−switch input voltage; connect a 0.1 mF or greater ceramic capacitor from IN to GND
as close as possible to the IC.
GND
4
POWER
Ground connection.
EN
3
INPUT
Enable input, logic high turns on power switch.
OUT
1,2
OUTPUT
Power−switch output; connect a 0.1 mF ceramic capacitor from OUT to GND as close as
possible to the IC is recommended.
BLOCK DIAGRAM
Charge
Pump
EN block
Control
logic
Gate driver and soft
start control
IN
EN
OUT
GND
Figure 2. Block Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com