Electronic Components Datasheet Search
  English  ▼

X  

18E112K Datasheet(PDF) 64 Page - World Produts Inc.

Part # 18E112K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

18E112K Datasheet(HTML) 64 Page - World Produts Inc.

Back Button 18E112K Datasheet HTML 57Page - World Produts Inc. 18E112K Datasheet HTML 58Page - World Produts Inc. 18E112K Datasheet HTML 59Page - World Produts Inc. 18E112K Datasheet HTML 60Page - World Produts Inc. 18E112K Datasheet HTML 61Page - World Produts Inc. 18E112K Datasheet HTML 62Page - World Produts Inc. 18E112K Datasheet HTML 63Page - World Produts Inc. 18E112K Datasheet HTML 64Page - World Produts Inc. 18E112K Datasheet HTML 65Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 64 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
62 | Metal Oxide Varistors
Circuit Examples
Data Line Protection
R
VZ
(10mm disc size)
VZ
(10mm disc size)
VZ
(10mm disc size)
TVS
(LCE)
TVS
(LCE)
TVS
(LCE)
L1
L2
G
L1
L2
G
R
120VAC Line Protection
VZ20D241KBS
WXP-104K
WYE-222M
1.5KE250C 1.5KE250C
1.5KE250C
WXP = World Products RFI Suppressor “X Type” (Across-the-Line)
WYE = World Products RFI Suppressor “Y Type” (Line-to-Ground)
WYE-222M
VZ20D241KBS
VZ20D241KBS
L
H
N
G
H
N
G
L
DISLAIMER: The names of the products and the specifications in this catalog are subject to change without notice for the sake of improvement .
World Products, LLC also reserves the right to discontinue any of these products . The products in this catalog are intended for use in ordinary
electronic products . If any of these products are to be used in special applications requiring extremely high reliability, where product defects might
pose a safety risk, please consult World Products, LLC Though World Products, LLC has taken all possible precautions to ensure the quality and
reliability of its products, improper use of products may result in bodily injury, fire, or similar accident . If you have any questions regarding the use
of the products in question, please consult World Products, LLC Please be advised that World Products, LLC accepts no responsibility for any
infraction by users of World Products, LLC products on third party patents or industrial copyrights .
1.5KE250C
1.5KE250C
1.5KE250C
VZ20D241KBS
WPGT-3R230
VZ20D241KBS
VZ20D241KBS
R
R
Tip
Ring
G
Tip
Ring
G
R
Telecom Circuit Protection
240VAC Line Protection
VZ20D431KBS
WXP-104K
WYE-222M
1.5KE440C 1.5KE440C
1.5KE440C
WXP = World Products RFI Suppressor “X Type” (Across-the-Line)
WYE = World Products RFI Suppressor “Y Type” (Line-to-Ground)
WYE-222M
VZ20D431KBS
VZ20D431KBS
L
H
N
G
H
N
G
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com