Electronic Components Datasheet Search
  English  ▼

X  

TAJS336004NJ Datasheet(PDF) 5 Page - AVX Corporation

Part # TAJS336004NJ
Description  General purpose SMT chip tantalum series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJS336004NJ Datasheet(HTML) 5 Page - AVX Corporation

  TAJS336004NJ Datasheet HTML 1Page - AVX Corporation TAJS336004NJ Datasheet HTML 2Page - AVX Corporation TAJS336004NJ Datasheet HTML 3Page - AVX Corporation TAJS336004NJ Datasheet HTML 4Page - AVX Corporation TAJS336004NJ Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
30
TAJ Series
Low Profile
RATINGS & PART NUMBER REFERENCE
All technical data relates to an ambient temperature of +25°C. Capacitance and DF
are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
* Insert K for ±10% and M for ±20%
# Standard Plating
– Insert R for 7" reel and S for 13" reel
Capacitance Tolerance
# Gold Plating
– Insert A for 7" reel and B for 13" reel
NOTE: AVX reserves the right to supply a higher voltage rating or tighter
tolerance part in the same case size, to the same reliability standards.
Rated
DCL
DF
ESR
AVX
Case
Cap
Voltage
(μA)
%
Max. (Ω)
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
TAJP684*035#NJ
P
0.68
35
0.5
4
13
TAJS684*035#NJ
S
0.68
35
0.5
4
8
TAJT684*035#NJ
T
0.68
35
0.5
4
8
TAJP105*035#NJ
P
1
35
0.5
4
11
TAJS105*035#NJ
S
1
35
0.5
4
7.5
TAJT105*035#NJ
T
1
35
5
4
6.5
TAJT155*035#NJ
T
1.5
35
0.5
6
5.2
TAJT225*035#NJ
T
2.2
35
0.8
6
4.2
TAJW335*035#NJ
W
3.3
35
1.2
6
1.6
TAJW475*035#NJ
W
4.7
35
1.6
6
2.2
TAJY685*035#NJ
Y
6.8
35
2.3
6
0.9
TAJX106*035#NJ
X
10
35
3.5
6
0.7
TAJY106*035#NJ
Y
10
35
3.5
6
1
TAJY156*035#NJ
Y
15
35
5.3
6
0.6
TAJY226*035#NJ
Y
22
35
7.7
6
0.5
50 Volt @ 85ºC (33 Volt @ 125ºC)
TAJS104*050#NJ
S
0.1
50
0.5
4
19
TAJS154*050#NJ
S
0.15
50
0.5
4
16
TAJS224*050#NJ
S
0.22
50
0.5
4
13
TAJS334*050#NJ
S
0.33
50
0.5
4
11
TAJT334*050#NJ
T
0.33
50
0.5
4
11
TAJS474*050#NJ
S
0.47
50
0.5
4
9.5
TAJT474*050#NJ
T
0.47
50
0.5
4
9.5
TAJW105*050#NJ
W
1
50
0.5
6
4.4
TAJW155*050#NJ
W
1.5
50
0.8
6
3.1
TAJY335*050#NJ
Y
3.3
50
1.7
4
1.7
TAJY475*050#NJ
Y
4.7
50
2.4
6
1.2
TAJY685*050#NJ
Y
6.8
50
3.4
6
0.9



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com