Electronic Components Datasheet Search
  English  ▼

X  

A29040 Datasheet(PDF) 13 Page - AMIC Technology

Part # A29040
Description  512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29040 Datasheet(HTML) 13 Page - AMIC Technology

Back Button A29040 Datasheet HTML 9Page - AMIC Technology A29040 Datasheet HTML 10Page - AMIC Technology A29040 Datasheet HTML 11Page - AMIC Technology A29040 Datasheet HTML 12Page - AMIC Technology A29040 Datasheet HTML 13Page - AMIC Technology A29040 Datasheet HTML 14Page - AMIC Technology A29040 Datasheet HTML 15Page - AMIC Technology A29040 Datasheet HTML 16Page - AMIC Technology A29040 Datasheet HTML 17Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
A29040 Series
PRELIMINARY
(August, 2001, Version 0.5)
13
AMIC Technology, Inc.
I/O3: Sector Erase Timer
After writing a sector erase command sequence, the
system may read I/O3 to determine whether or not an
erase operation has begun. (The sector erase timer does
not apply to the chip erase command.) If additional
sectors are selected for erasure, the entire time-out also
applies after each additional sector erase command.
When the time-out is complete, I/O3 switches from "0" to
"1." The system may ignore I/O3 if the system can
guarantee that the time between additional sector erase
commands will always be less than 50
µs. See also the
"Sector Erase Command Sequence" section.
After the sector erase command sequence is written, the
system should read the status on I/O7 ( Data Polling) or
I/O6 (Toggle Bit 1) to ensure the device has accepted the
command sequence, and then read I/O3. If I/O3 is "1", the
internally controlled erase cycle has begun; all further
commands (other than Erase Suspend) are ignored until
the erase operation is complete. If I/O3 is "0", the device
will accept additional sector erase commands. To ensure
the command has been accepted, the system software
should check the status of I/O3 prior to and following each
subsequent sector erase command. If I/O3 is high on the
second status check, the last command might not have
been accepted. Table 5 shows the outputs for I/O3.
START
Read I/O7-I/O0
Toggle Bit
= Toggle ?
Program/Erase
Operation Not
Commplete, Write
Reset Command
Yes
Notes :
1. Read toggle bit twice to determine whether or not it is
toggling. See text.
2. Recheck toggle bit because it may stop toggling as I/O5
changes to "1". See text.
No
Read I/O7 - I/O0
Twice
I/O5 = 1?
Toggle Bit
= Toggle ?
Yes
Yes
Program/Erase
Operation
Commplete
No
No
Read I/O7-I/O0
(Notes 1,2)
Figure 4. Toggle Bit Algorithm
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com