Electronic Components Datasheet Search
  English  ▼

X  

455051 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 455051
Description  FREQUENCY SYNTHESIZER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

455051 Datasheet(HTML) 1 Page - API Technologies Corp

  455051 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Low Phase Noise
Low Spurious Outputs
High Reliability
Internal Reference Model
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta = +25 ºC
Ta = -10ºC to +60 ºC
Specifications
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ............. -55ºC to +100 ºC
Storage Temperature ..............................-62ºC to +125 ºC
Case Temperature ............................................... +125 ºC
DC Voltage ....................................................... +24 Volts
Typical Performance Data
NOTE: Care should always be taken to effectively ground the case of each unit.
Rev.
3/30/10
Frequency (MHz)
2500 - 3000
2500 - 3000
Output Power (dBm)
+13
0 / +17.0
Step Size (MHz)
10
1 / 100
Harmonics (dBc)
-25
-20 Max.
Spurious (dBc)
-70
Phase Noise (2500 MHz)
-47 dBc/Hz @ 10 Hz
-77 dBc/Hz @100 Hz
-97 dBc/Hz @ 1 kHz
-97 dBc/Hz @ 10 kHz
-110 dBc/Hz @ 100 kHz
-130 dBc/Hz @ 1 MHz
Power
Vdc
+15
+15
m A
200
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Mechanical Outline
Stability (ppm)
+10
FREQUENCY
SYNTHESIZER
455051
2500 - 3000 MHz
Spectrum Microwave can design a
synthesizer to meet your requirements, from
low-cost surface mount commercial units to
complex multiple conversion designs for
military and space applications.
We have delivered units with step sizes from
0.002 Hz to 200 MHz, 5-microsecond switching
speeds, automatically switched back-up
references, direct digital synthesis, and many
other special features.


Similar Part No. - 455051

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
455050 SPECTRUM-455050 Datasheet
58Kb / 1P
FREQUENCY SYNTHESIZER
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
FREQUENCY SYNTHESIZER
455052 APITECH-455052 Datasheet
181Kb / 1P
FREQUENCY SYNTHESIZER
logo
TE Connectivity Ltd
455052-3 TEC-455052-3 Datasheet
5Mb / 4P
IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
455052-3 TEC-455052-3 Datasheet
5Mb / 4P
SHOULD BE CONTACTED FOR THE LATEST REVISION.
More results

Similar Description - 455051

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
Frequency synthesizer
January 1995
logo
NIHON DEMPA KOGYO
S510M804MB NDK-S510M804MB Datasheet
86Kb / 1P
Frequency Synthesizer
logo
Spectrum Microwave, Inc...
444034 SPECTRUM-444034 Datasheet
54Kb / 1P
FREQUENCY SYNTHESIZER
logo
Shoulder Electronics Li...
HDM9150 SHOULDER-HDM9150 Datasheet
188Kb / 6P
Frequency Synthesizer
logo
Mini-Circuits
DSN-1500A-1119 MINI-DSN-1500A-1119 Datasheet
842Kb / 11P
Frequency Synthesizer
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
FREQUENCY SYNTHESIZER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com