Electronic Components Datasheet Search
  English  ▼

X  

HDN34-24-21SE-059 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # HDN34-24-21SE-059
Description  HD30 & HDP20 Series Technical Manual
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HDN34-24-21SE-059 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  HDN34-24-21SE-059 Datasheet HTML 1Page - List of Unclassifed Manufacturers HDN34-24-21SE-059 Datasheet HTML 2Page - List of Unclassifed Manufacturers HDN34-24-21SE-059 Datasheet HTML 3Page - List of Unclassifed Manufacturers HDN34-24-21SE-059 Datasheet HTML 4Page - List of Unclassifed Manufacturers HDN34-24-21SE-059 Datasheet HTML 5Page - List of Unclassifed Manufacturers HDN34-24-21SE-059 Datasheet HTML 6Page - List of Unclassifed Manufacturers HDN34-24-21SE-059 Datasheet HTML 7Page - List of Unclassifed Manufacturers HDN34-24-21SE-059 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SIZE PART NO.
WITHOUT MTG
CHAIN (ADD)
24
HDC 36-24
-1 E
18
HDC 36-18
-1 E
HD30 & HDP20 Series Technical Manual
HD30 & HDP20 Series Technical Manual
A STEP AHEAD
14
CONTACTS AND APPLICATION DATA
Solid Contacts
** For proper dies and stamped & formed crimp dimensions - See Envelope 0425-208-0000 12 Size
Consult factory for alternate finishes
0425-203-0000 16 Size
0425-207-0000 20 Size
0425-059-0000 16,20 Size
0425-039-0000 16 Size
0425-041-0000 12 Size
1060-20-01**
1062-20-01**
1060-20-02**
1062-20-02**
N/A
1062-20-03**
1060-14-01**
1062-14-01**
1060-14-10**
1062-14-10**
1060-16-01**
1062-16-01**
1060-16-06**
1062-16-06**
1060-16-07**
1062-16-07**
1060-16-09**
1062-16-09**
1060-16-12**
1062-16-12**
N/A
1062-16-14**
1060-12-01**
1062-12-01**
1060-12-02**
1062-12-02**
STAMPED & FORMED CONTACT
PART NUMBERS
SIZE
20
20
20
16
16
16
16
16
16
16
16
12
12
PIN
SOCKET
20 - 01
20 - 02
20 - 03
14-16
14 -16
16 - 18
0.5 - 1.0
0.75 - 2.0
16 - 18
1.0 - 2.5
14 - 16
12 - 14
10 - 12
CARRIER
STRIP
IDENTIFICATION
WIRE SIZE
AWG (mm2)
16 - 22
(1.0 - 0.35)
16 - 22
(1.0 - 0.35)
16 - 22
(1.0 - 0.35)
14 - 18
(2.0 - .75)
14 - 18
(2.0 - .75)
14 - 18
(2.0 - .75)
16 - 20
(1.0 - 0.50)
14 - 18
(2.0 - .75)
14 - 18
(2.0 - .75)
12 - 16
(2.5 - 1.0)
12 - 16
(2.5 - 1.0)
12 - 14
(4.0 - 2.0)
10 - 12
(6.0 - 4.0)
WIRE
INSULATION
O.D. RANGE
.075 - .125
(1.91 - 3.15)
.051 - .085
(1.30 - 2.16)
.075 - .125
(1.91 - 3.15)
.095 - .150
(2.41 - 3.81)
.095 - .150
(2.41 - 3.81)
.075 - .140
(1.91 - 3.55)
055 - .100
(1.40 - 2.54)
.075 - .140
(1.91 - 3.55)
.075 - .140
(1.91 - 3.55)
.075 - .140
(1.91 - 3.55)
.075 - .140
(1.91 - 3.55)
.113 - .176
(2.87 - 4.47)
.140 - .204
(3.56 - 5.18)
.150 - .200
(3.81 - 5.08)
.150 - .200
(3.81 - 5.08)
.150 - .200
(3.81 - 5.08)
.150 - .200
(3.81 - 5.08)
.150 - .200
(3.81 - 5.08)
.150 - .200
(3.81 - 5.08
.150 - .200
(3.81 - 5.08)
.150 - .200
(3.81 - 5.08)
.150 - .200
(3.81 - 5.08)
.175 - .225
(4.45 - 5.72)
.175 - .225
(4.45 - 5.72)
.225 - .275
(5.72 - 6.991)
.225 - .275
(5.72 - 6.99)
MIN CONT.
RETENTION
LBS (N)
20
(89)
20
(89)
20
(89)
25
(111)
25
(111)
25
(111)
25
(111)
25
(111)
25
(111)
25
(111)
25
(111)
30
(134)
30
(134)
REF CRIMP
TENSILE
LBS (N)
20 - 10
(89 - 45)
20 - 10
(89 - 45)
20 - 10
(89 - 45)
25
(111)
25
(111)
25
(111)
25 - 15
(111 - 67)
25
(111)
25
(111)
25
(111)
25
(111)
70
(311)
70
(311)
MAX RATED
AMPS AT 1250C
CONTINUOUS
7.5
7.5
7.5
13
13
13
13
13
13
13
13
25
25
RECOMMENDED
STRIP LENGTH
INCHES (mm)
Stamped & Formed Contacts
A STEP AHEAD
15
HD/HDP ACCESSORIES
HDP
Connector P/N
*HDP2*-24-****-LO15
Available in plugs
and receptacles
Connecting hardware available
through distribution
Cable Clamp*
*Metal Shells Only
-072 ADAPTOR ONLY
-059 WITH DRAIN HOLES
-L006 WITHOUT DRAIN HOLES
Straight Strain Relief (Aluminum)
SIZE
PART NO.
24
WHDS-24-1
18
WHDS-18-1
900 Strain Relief (Aluminum)
SIZE
PART NO.
24
WHDS-24-2
18
WHDS-18-2
(Connector shown for reference only.)
*HDP2*-24-****-LO17
HDP2*-18-****-L017
Available in plugs and
receptacles
Locking tabs ensure closure
2428-008-2405
Designed to interconnect with
the HD30 Series receptacles
and provide an emergency
disconnect
between
farm
tractors
and
implements
requiring power connections.
HDB - Breakaway Plugs can
be specified with pin or socket
contacts and cable clamps (-059
mod). Minimum force required
to emergency disconnect is 50
lbs. Maximum force required is
100 lbs. Mate with HD30 Series
Only.
SIZE PART NO.
24
HDB 36-24-XXSN-059
18
HDB 36-18-XXSN-059
HDB - HD30 Series Only Breakaway Plug
Protective Caps
Protective Caps
SIZE PART NO.
WITHOUT MTG
CHAIN (ADD)
24
HDC 34-24
-1 E
18
HDC 34 -18
-1 E
Plug cap for receptacle protection
(Aluminum)
Receptacle cap for plug protection
(Aluminum)
Locking tabs ensure closure
2428-004-2405
INSPECTION HOLE
Solid Contacts
Stamped and Formed Contacts
Socket
Pin
Pin
Socket
INSPECTION HOLE
Straight Backshell P/N
* See Envelope Print 0425-205-0000. Consult factory for alternate finishes.
SIZE
SOLID CONTACT
PART NUMBERS
WIRE SIZE
AWG (mm2)
RECOMMENDED
STRIP LENGTH
INCHES (mm)
MIN CONTACT
RETENTION
LBS (N)
REF CRIMP
TENSILE
LBS (N)
MAX RATED
AMPS AT 1250C
CONTINUOUS
PIN
SOCKET
20
16
16
12
8
4
20
(0.50)
14
(2.0)
16-20
(1.0 - 0.50)
12-14
(3.0 - 2.0)
.156-.218
(3.96 - 5.54)
.250 - .312
(6.35 - 7.92)
.250 - .312
(6.35 - 7.92)
.222 - .284
(5.64 - 7.21)
20
(89)
25
(111)
25
(111)
30
(134)
20
(89)
70
(311)
35-20
(156-89)
75-70
(334 - 311)
7.5
13
13
25
6
(13.0)
8-10
(8.0 - 5.0)
.430-.492
(10.92-12.50)
.430 - .492
(10.92 - 12.50)
35
(156)
35
(156)
300
(1334)
100
125-90
(556-400)
60
0460-202-20**
0462-201-20**
0462-202-16**
0462-201-16**
0460-215-16**
0462-209-16**
0460-204-12**
0462-203-12**
0460-204-08**
0462-203-08**
0460-204-04**
0462-203-04**



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com