Electronic Components Datasheet Search
  English  ▼

X  

024107-021 Datasheet(PDF) 2 Page - API Technologies Corp

Part # 024107-021
Description  Filtered Low Noise Amplier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

024107-021 Datasheet(HTML) 2 Page - API Technologies Corp

  024107-021 Datasheet HTML 1Page - API Technologies Corp 024107-021 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
40
20
10
-20
1400
1500
1600
1700
1750
Frequency (MHz)
DB(|S[2,1]|)*
-10
0
30
Amplier Gain
0
-10
-20
-30
1051
1251
1451
1651
1751
Frequency (MHz)
DB(|S[2,2]|)
DB(|S[1,1]|)*
Filtered Low Noise Ampli er
1575 MHz
.51
1.79
2.15
ø2.72
1.00
4X ø .17 thru
2X SMA Female
Connector
MR01 Series
Connector
2.20
1.36
1.79
.23
.51
.80
J1
J2
J3
J1
J2
J3
Dimensions (inches)
Return Loss
SPECTRUM MICROWAVE
• 38166 Old Stage Road • Delmar, Delaware 19940 • Phone: 302-846-2750 • Fax: 302-846-3888
SPECTRUM MICROWAVE
• 2707 Black Lake Place • Philadelphia, Pennsylvania 19154 • Phone: 215-464-4000 • Fax: 215-464-4001 www.SpectrumMicrowave.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com