Electronic Components Datasheet Search
  English  ▼

X  

RN102 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RN102
Description  Current-compensated Chokes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RN102 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RN102 Datasheet HTML 1Page - List of Unclassifed Manufacturers RN102 Datasheet HTML 2Page - List of Unclassifed Manufacturers RN102 Datasheet HTML 3Page - List of Unclassifed Manufacturers RN102 Datasheet HTML 4Page - List of Unclassifed Manufacturers RN102 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Choke*
Nominal current
Inductance
Resistance
Choke
Input/Output
Weight
@ 40°C
L
R
configuration
connections
Type 1
Type 2
[A]
[mH/path]
[mΩ/path]
[Qty]
[g]
[g]
Choke selection table
RN x02-0.3-02
0.3
12
1275
2
-02
2
3
RN x02-0.6-02
0.6
4.4
385
2
-02
2
3
RN x02-1-02
1
3
205
2
-02
2
3
RN x02-1.5-02
1.5
1.6
100
2
-02
2
3
RN x02-2-02
2
1.1
70
2
-02
2
3
RN x12-0.4-02
0.4
39
1460
2
-02
5
6
RN x12-0.5-02
0.5
27
1250
2
-02
5
6
RN x12-0.6-02
0.6
15
465
2
-02
5
6
RN x12-0.8-02
0.8
10
370
2
-02
5
6
RN x12-1.2-02
1.2
6.8
245
2
-02
5
6
RN x12-1.5-02
1.5
3.3
135
2
-02
5
6
RN x12-2-02
2
1.8
75
2
-02
5
6
RN x12-4-02
4
0.7
27
2
-02
5
6
RN x14-0.3-02
0.3
47
1750
2
-02
9
12
RN x14-0.5-02
0.5
39
810
2
-02
9
12
RN x14-0.8-02
0.8
27
500
2
-02
9
12
RN x14-1-02
1
15
375
2
-02
9
12
RN x14-1.2-02
1.2
10
200
2
-02
9
12
RN x14-1.5-02
1.5
6.8
130
2
-02
9
12
RN x14-2-02
2
4.2
102
2
-02
9
12
RN x14-2.5-02
2.5
3.3
72
2
-02
9
12
RN x14-3-02
3
2
55
2
-02
9
12
RN x14-4-02
4
1.5
35
2
-02
9
12
RN x22-0.6-02
0.6
47
1180
2
-02
17
21
RN x22-0.8-02
0.8
39
1000
2
-02
17
21
RN x22-1-02
1
18
610
2
-02
17
21
RN x22-1.5-02
1.5
10
220
2
-02
17
21
RN x22-2-02
2
6.8
147
2
-02
17
21
RN x22-2.5-02
2.5
5.6
105
2
-02
17
21
RN x22-3-02
3
4.5
80
2
-02
17
21
RN x22-4-02
4
3.3
45
2
-02
17
21
RN x42-0.5-02
0.5
82
2700
2
-02
32
32
RN x42-1-02
1
33
810
2
-02
32
32
RN x42-1.4-02
1.4
27
500
2
-02
32
32
RN x42-2-02
2
6.8
190
2
-02
32
32
RN x42-4-02
4
3.3
66
2
-02
32
32
RN x42-6-02
6
1.8
20
2
-02
32
32
RN 143-0.5-02
0.5
100
2900
2
-02
33
RN 143-1-02
1
47
880
2
-02
33
RN 143-2-02
2
10
230
2
-02
33
RN 143-4-02
4
3.9
58
2
-02
33
RN 143-6-02
6
1.8
20
2
-02
33
RN 152-1-02
1
68
1300
2
-02
54
RN 152-2-02
2
18
350
2
-02
54
RN 152-4-02
4
6.8
87
2
-02
54
RN 152-6-02
6
3.9
41
2
-02
54
RN 152-8-02
8
2.7
22
2
-02
54
RN 152-10-02
10
1.8
14
2
-02
54
*
Replace the x by the desired housing style type 1 or 2.
1: Choke horizontal
2: Choke vertical
Test conditions:
Measuring frequency: 10kHz; 5mA < 16µH; 500µA > 16µH < 160µH; 50µA > 160µH < 16mH; 50mV > 16mH < 160mH
Inductance tolerance: +50%, -30%
Resistance tolerance: max. ±15% @ 25°C; ≤ 20mΩ, 1A; > 20mΩ ≤ 200mΩ, 100mA; > 200mΩ ≤ 2Ω, 10mA
Electrical characteristics @ 25°C: ±2°C
> Components > RN series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com