Electronic Components Datasheet Search
  English  ▼

X  

MA671 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MA671
Description  Spartan Antenna 3in1 MA.671 Low Profile Screw-Mount
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MA671 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MA671 Datasheet HTML 1Page - List of Unclassifed Manufacturers MA671 Datasheet HTML 2Page - List of Unclassifed Manufacturers MA671 Datasheet HTML 3Page - List of Unclassifed Manufacturers MA671 Datasheet HTML 4Page - List of Unclassifed Manufacturers MA671 Datasheet HTML 5Page - List of Unclassifed Manufacturers MA671 Datasheet HTML 6Page - List of Unclassifed Manufacturers MA671 Datasheet HTML 7Page - List of Unclassifed Manufacturers MA671 Datasheet HTML 8Page - List of Unclassifed Manufacturers MA671 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SPE-12-8-112/B/PK
Page 2 of 18
MA671.C305151.G305151.H305151
1.Introduction
The Spartan MA671 Public Safety 3*MIMO antenna is a low profile, heavy-duty,
fully IP67 waterproof external M2M antenna for use in remote monitoring and
public safety applications.
The Spartan 3 x MIMO antenna is unique in the market because it combines
three 4.5~4.9GHz antenna elements in a heavy-duty structure with high
efficiency in a low profile compact format. The antenna screws down
permanently onto a roof or metal panel and can be pole or wall-mounted. Two
of the antenna elements are vertically polarized and one is horizontally
polarized to maximize diversity gain and MIMO throughput.
For industries such as remote monitoring, smart meter systems, construction
equipment, public safety at only 40mm high, the Spartan provides an
unobtrusive, robust, rugged antenna that is durable even in extreme
environments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com